Electronic Components Datasheet Search
  English  ▼

X  

B5114 Datasheet(PDF) 4 Page - EPCOS

Part # B5114
Description  SAW filter RF Base Station
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5114 Datasheet(HTML) 4 Page - EPCOS

  B5114 Datasheet HTML 1Page - EPCOS B5114 Datasheet HTML 2Page - EPCOS B5114 Datasheet HTML 3Page - EPCOS B5114 Datasheet HTML 4Page - EPCOS B5114 Datasheet HTML 5Page - EPCOS B5114 Datasheet HTML 6Page - EPCOS B5114 Datasheet HTML 7Page - EPCOS B5114 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Mar 19, 2009
B5114
781.50 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW filter
Data sheet
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
ESD voltage
VESD
1001)
1) acc. to JESD22-A0115A (machine model), 1 negativa & a positive pulse.
V
machine model, 1 pulse
VESD
2752)
2) acc. to JESD22-A0114B (human body model), 1 negative & positive pulse.
V
human machine model, 1 pulse
Input power
746.0 ... 757.0
PIN
15
dBm
CW



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com