Electronic Components Datasheet Search
  English  ▼

X  

B5117 Datasheet(PDF) 3 Page - EPCOS

Part # B5117
Description  SAW RF filter Basestation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5117 Datasheet(HTML) 3 Page - EPCOS

  B5117 Datasheet HTML 1Page - EPCOS B5117 Datasheet HTML 2Page - EPCOS B5117 Datasheet HTML 3Page - EPCOS B5117 Datasheet HTML 4Page - EPCOS B5117 Datasheet HTML 5Page - EPCOS B5117 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
June 23, 2009
B5117
766.5 MHz
SAW Components
SAW RF filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –25 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
766.5
—
MHz
Maximum insertion attenuation
α
max
fN ± 8.5 MHz
—
2.0
3.0
dB
Amplitude ripple (p-p)
∆α
fN ± 8.5 MHz
—
0.75
1.5
dB
Return loss (input / output)
fN ± 8.5 MHz
911
—
Absolute attenuation
α
788.0
...
805.0
MHz
10
18
—
dB
806.0
...
849.0
MHz
20
35
—
dB
Temperature coefficient of frequency
TCf
—
-36
—
ppm/K
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
ESD voltage
VESD
501)
1) acc. to JESD22-A115A (machine model), 1 negative & 1 positive pulse.
V
machine model, 1 pulse
Input power
PIN
10
dBm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com