Electronic Components Datasheet Search
  English  ▼

X  

B5124 Datasheet(PDF) 3 Page - EPCOS

Part # B5124
Description  SAW RF filter Basestation
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5124 Datasheet(HTML) 3 Page - EPCOS

  B5124 Datasheet HTML 1Page - EPCOS B5124 Datasheet HTML 2Page - EPCOS B5124 Datasheet HTML 3Page - EPCOS B5124 Datasheet HTML 4Page - EPCOS B5124 Datasheet HTML 5Page - EPCOS B5124 Datasheet HTML 6Page - EPCOS B5124 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
November 17, 2009
B5124
737.0 MHz
SAW Components
SAW RF filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –35 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
737.0
MHz
Maximum insertion attenuation
α
max
fN ± 10 MHz
1.9
3.0
dB
Amplitude ripple (p-p)
∆α
fN ± 10 MHz
0.7
1.5
dB
Return loss (input / output)
fN ± 10 MHz
911
Absolute attenuation
α
0.3
...
697.0
MHz
35
45
dB
697.0
...
714.0
MHz
30
37
dB
714.0
...
717.0
MHz
20
25
dB
757.0
...
762.0
MHz
10
20
dB
762.0
...
866.0
MHz
25
28
dB
866.0
...
967.0
MHz
30
45
dB
967.0
... 1934.0
MHz
25
35
dB
1934.0
... 3000.0
MHz
15
30
dB
Temperature coefficient of frequency
TCf
-36
ppm/˚K
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
ESD voltage
VESD
501)
1) acc. to JESD22-A115A (machine model), 1 negative & 1 positive pulse.
V
machine model, 1 pulse
Input power
PIN
10
dBm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com