Electronic Components Datasheet Search
  English  ▼

X  

FMBB Datasheet(PDF) 3 Page - Schurter Inc.

Part # FMBB
Description  AC Filter 2-Stage, Broad Band Attenuation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FMBB Datasheet(HTML) 3 Page - Schurter Inc.

  FMBB Datasheet HTML 1Page - Schurter Inc. FMBB Datasheet HTML 2Page - Schurter Inc. FMBB Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image

-Phase Line Filters
FMBB
www.schurter.com/pg06_
EMC Products
IndustrialVersion
12 A
16 A
25 A
Variants
Rated Current
[A]
Filter-Type
Leakage Cur-
rent [mA]
L [mH]
C
(X)
[
μF]
C
(X)
[µF]
C
(X)
[µF]
C4
(Y)
[nF]
C5
(Y)
[nF]
R, R
[M
Ω]
Dia-
gram
Clamps
[mm]
Weight
[g]
Housing Order
Number
8
Standard Version
0.25
2 x 7
0.1
0.15
0.47
2.2
-
1
S1
4
410
16-2
5500.2068
12
Industrial Version
3.5
2 x 5
2.2
2.2
2.2
33
2.2
0.5
S2
4
1000
24-2
5500.2069
16
Industrial Version
3.5
2 x 3.5
2.2
2.2
2.2
33
2.2
0.5
S2
4
2400
31-2
5500.2070
25
Industrial Version
3.5
2 x 3.5
2.2
2.2
2.2
33
2.2
0.5
S2
6
2500
31-6
5500.2071
Packaging unit
5Pcs
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com