Electronic Components Datasheet Search
  English  ▼

X  

SF54 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SF54
Description  GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 5.0 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SF54 Datasheet(HTML) 1 Page - Rectron Semiconductor

  SF54 Datasheet HTML 1Page - Rectron Semiconductor SF54 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLASS PASSIVATED SUPER FAST RECTIFIER
VOLTAGE RANGE 50 to 400 Volts CURRENT 5.0 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* High reliability
* Low leakage
* Low forward voltage
* High current capability
* Super fast switching speed
* High surge capability
* Good for switching mode circuit
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
SF51
THRU
SF56
DO-201AD
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Test Conditions: IF=0.5A, IR=-1.0A, IRR=-0.25A.
2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts.
Dimensions in inches and (millimeters)
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 1.18 grams
2001-5
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Volts
Maximum DC Blocking Voltage
Maximum Average Forward Current
at TA = 55
oC
Peak Forward Surge Current IFM (surge):8.3 ms single half
sine-wave superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Volts
Volts
Volts
Amps
5.0
150
50
-65 to + 150
Amps
pF
0 C
UNITS
SF51
SF54
SF52
SF55
SF56
SF53
50
200
100
300
400
150
35
140
70
210
280
105
50
200
100
300
400
150
30
at Rated DC Blocking Voltage
CHARACTERISTICS
Maximum Reverse Recovery Time (Note 1)
VF
SYMBOL
IR
trr
UNITS
5.0
150
uAmps
nSec
Maximum DC Reverse Current
Maximum Forward Voltage at 5.0A DC
Volts
@TA = 25
oC
@TA =125
oC
SF51
SF54
SF52
SF55
SF56
SF53
0.95
35
1.25
.220 (5.6)
.197 (5.0)
DIA.
.052 (1.3)
.048 (1.2)
DIA.
1.0 (25.4)
MIN.
.335 (8.5)
.375 (9.5)
1.0 (25.4)
MIN.


Similar Part No. - SF54

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF54 MOSPEC-SF54 Datasheet
127Kb / 2P
POWER RECTIFIERS(5.0A, 50-400V)
logo
Won-Top Electronics
SF54 WTE-SF54 Datasheet
47Kb / 3P
5.0A SUPER-FAST RECTIFIER
logo
Bytes
SF54 BYTES-SF54 Datasheet
161Kb / 2P
5.0 AMP SUPER FAST RECTIFIERS
logo
Dc Components
SF54 DCCOM-SF54 Datasheet
475Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
logo
EIC discrete Semiconduc...
SF54 EIC-SF54 Datasheet
31Kb / 2P
SUPER FAST RECTIFIER DIODES
More results

Similar Description - SF54

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SF161A RECTRON-SF161A Datasheet
26Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 16 Amperes)
SF161C RECTRON-SF161C Datasheet
24Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 16 Amperes)
SF161CS RECTRON-SF161CS Datasheet
20Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 16 Amperes)
SF21 RECTRON-SF21 Datasheet
275Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 2.0 Amperes)
SF301C RECTRON-SF301C Datasheet
27Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 30 Amperes)
SF31 RECTRON-SF31 Datasheet
28Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 3.0 Amperes)
SF81 RECTRON-SF81 Datasheet
24Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 8.0 Amperes)
SF81S RECTRON-SF81S Datasheet
23Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 8.0 Amperes)
SF51CK RECTRON-SF51CK Datasheet
212Kb / 4P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 5.0 Amperes
logo
PACELEADER INDUSTRIAL
SF51 PACELEADER-SF51 Datasheet
554Kb / 2P
VOLTAGE RANGE 50 to 400 Volts CURRENT 5.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com