Electronic Components Datasheet Search
  English  ▼

X  

3SF6 Datasheet(PDF) 1 Page - Semtech Corporation

Part # 3SF6
Description  Axial Leaded Hermetically Sealed Fast Rectifier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

3SF6 Datasheet(HTML) 1 Page - Semtech Corporation

  3SF6 Datasheet HTML 1Page - Semtech Corporation 3SF6 Datasheet HTML 2Page - Semtech Corporation 3SF6 Datasheet HTML 3Page - Semtech Corporation 3SF6 Datasheet HTML 4Page - Semtech Corporation 3SF6 Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
POWER DISCRETES
1
www.semtech.com
1N5415 THRU 1N5420
3SF05 THRU 3SF6
Axial Leaded Hermetically Sealed
Fast Rectifier Diode
Features
Revision: January 11th, 2010
Quick reference data
V
R = 50 - 600V
I
F =
4.5A
t
rr = 150 -
400nS
I
R = 1.0µA
Very low reverse recovery time
Hermetically sealed in fused metal oxide
Low switching losses
Low forward voltage drop
Soft, non-snap off, recovery characteristics
Absolute Maximum Ratings
Electrical specifications @ T
A = 25°C unless otherwise specified.
l
o
b
m
y
S
5
1
4
5
N
1
5
0
F
S
3
6
1
4
5
N
1
1
F
S
3
7
1
4
5
N
1
2
F
S
3
8
1
4
5
N
1
4
F
S
3
9
1
4
5
N
1
5
F
S
3
0
2
4
5
N
1
6
F
S
3
s
t
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
g
n
i
k
r
o
W
V
M
W
R
0
5
0
0
1
0
0
2
0
0
4
0
0
5
0
0
6
V
e
g
a
t
l
o
V
e
s
r
e
v
e
R
e
v
i
t
i
t
e
p
e
R
V
M
R
R
0
5
0
0
1
0
0
2
0
0
4
0
0
5
0
0
6
V
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
h
t
g
n
e
l
d
a
e
l
,
r
i
a
e
e
r
f
n
i
C
°
5
5
@
"
5
7
3
.
0
I
)
V
A
(
F
5
.
4
A
t
n
e
r
r
u
C
e
g
r
u
S
e
v
i
t
i
t
e
p
e
R
h
t
g
n
e
l
d
a
e
l
,
r
i
a
e
e
r
f
n
i
C
°
5
5
@
"
5
7
3
.
0
I
M
R
F
5
2
A
t
n
e
r
r
u
C
e
g
r
u
S
e
v
i
t
i
t
e
p
e
R
-
n
o
N
V
@
S
m
3
.
8
=
p
t
(
R
T
&
X
A
M
J
)
V
@
,
S
m
3
.
8
=
p
t
(
R
)
C
°
5
2
&
I
M
S
F
0
8
0
5
1
A
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
T
G
T
S
5
7
1
+
o
t
5
6
-
C
°
Description
These products are qualified to MIL-PRF-19500/411.
They can be supplied fully released as JAN, JANTX,
JANTXV and JANS versions.


Similar Part No. - 3SF6

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
3SF6 SEMTECH-3SF6 Datasheet
183Kb / 5P
Axial Leaded Hermetically Sealed Fast Rectifier Diode
More results

Similar Description - 3SF6

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
2PF140 SEMTECH-2PF140 Datasheet
112Kb / 3P
AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE FAST RECTIFIER DIODE
1N4942 SEMTECH-1N4942 Datasheet
91Kb / 2P
Axial Leaded Hermetically Sealed Fast Recovery Rectifier Diodes
1N5415 SEMTECH-1N5415 Datasheet
183Kb / 5P
Axial Leaded Hermetically Sealed Fast Rectifier Diode
2PFF6 SEMTECH-2PFF6 Datasheet
108Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
PF8 SEMTECH-PF8 Datasheet
93Kb / 3P
Axial Leaded Hermetically Sealed Fast Rectifier Diode
PF20 SEMTECH-PF20_07 Datasheet
116Kb / 4P
Axial Leaded Hermetically Sealed High Voltage Fast Rectifier Diode
PFM50A SEMTECH-PFM50A Datasheet
94Kb / 3P
Axial Leaded Hermetically Sealed High Voltage Fast Rectifier Diode
1N6620 SEMTECH-1N6620 Datasheet
37Kb / 3P
Axial Leaded Hermetically Sealed Ultra Fast Recovery Rectifier Diode
logo
New Jersey Semi-Conduct...
F40A NJSEMI-F40A Datasheet
143Kb / 3P
AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE FAST RECTIFIER DIODE
SM75F NJSEMI-SM75F Datasheet
133Kb / 2P
AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE FAST RECTIFIER DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com