Electronic Components Datasheet Search
  English  ▼

X  

FPG1 Datasheet(PDF) 2 Page - Schurter Inc.

Part # FPG1
Description  Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, IP 40 / IP 67, IEC 60335-1
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FPG1 Datasheet(HTML) 2 Page - Schurter Inc.

  FPG1 Datasheet HTML 1Page - Schurter Inc. FPG1 Datasheet HTML 2Page - Schurter Inc. FPG1 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Fuseholders
FPG
www.schurter.com/pg02
Fuses
Abmessungen
41.5mm
6
6
26.5
7
8
41.5
M12.7x1.5
SW14
Variants 3101.0010 and 3101.0210
6
6
26.5
7
8
41.5
M12.7x1.5
SW14
4
12
46.5
Variants Fingergrip 3101.0015 and 3101.0215
6
6
25.9
7.6
8
41.5
M12.7x1.5
SW14
Variants 3101.0110 and 3101.0310
6
6
25.9
7.6
8
41.5
M12.7x1.5
SW14
4
12.6
46.5
Variants Fingergrip 3101.0115 and 3101.0315
11.7
0
-0.15
12
0
-0.1
13
0
-0.3
Mounting Holes
Derating Curves for Fuseholders
1.5
1.0
0.5
0.0
2.5
2.0
0
20
40
60
80
100
I = << In
I = 0.7 In
I = 1.0 In
Ambient air temperature Ta °C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com