Electronic Components Datasheet Search
  English  ▼

X  

FPG2 Datasheet(PDF) 2 Page - Schurter Inc.

Part # FPG2
Description  Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, Rear-Side, IP 40 / IP 67, IEC 60335-1
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FPG2 Datasheet(HTML) 2 Page - Schurter Inc.

  FPG2 Datasheet HTML 1Page - Schurter Inc. FPG2 Datasheet HTML 2Page - Schurter Inc. FPG2 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Fuseholders
FPG2
www.schurter.com/pg02
Fuses
Abmessungen
46.5mm
8
6
2.5
20
13.5
8
41.5
M12.7x1.5
SW14
Variants 3101.0020 and 3101.0220
8
2.5
4
20
13.5
8
41.5
M12.7x1.5
SW14
18.5
46.5
6
Variants Fingergrip 3101.0025 and 3101.0225
8
6
2.5
20.6
12.9
8
41.5
M12.7x1.5
SW14
Variants 3101.0120 and 3101.0320
8
2.5
4
20.6
12.9
8
41.5
M12.7x1.5
SW14
17.9
46.5
6
Variants Fingergrip 3101.0125 and 3101.0325
11.7
0
-0.15
12
0
-0.1
13
0
-0.3
Mounting holes
Derating Curves for Fuseholders
1.5
1.0
0.5
0.0
2.5
2.0
0
20
40
60
80
100
I = << In
I = 0.7 In
I = 1.0 In
Ambient air temperature Ta °C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com