Electronic Components Datasheet Search
  English  ▼

X  

FPG5 Datasheet(PDF) 2 Page - Schurter Inc.

Part # FPG5
Description  Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, horizontal, IEC 60335-1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FPG5 Datasheet(HTML) 2 Page - Schurter Inc.

  FPG5 Datasheet HTML 1Page - Schurter Inc. FPG5 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Fuseholders
FPG5
www.schurter.com/pg02
Fuses
Abmessungen
32mm
2
ø
6
8
0
.
5
1
.
1
2
6
.
7
2.7
1
5
7
.
1
.5
0
0
-0.05
5.5
32
P
Variant 3101.0050
2
ø
8
0
.
5
1
.
1
2
6
.
7
2.7
1
5
7
.
1
.5
0
4
0
-0.05
5.5
37
32
P
Connector, tinned
Variant Fingergrip 3101.0055
1.3
+0.1
0
2
+0.1
0
(7.62)
12.7±0.1
20.32±0.1
P
Drilling diagram
Derating Curves for Fuseholders
1.5
1.0
0.5
0.0
2.5
2.0
0
20
40
60
80
100
I = << In
I = 0.7 In
I = 1.0 In
Ambient air temperature Ta °C
Variants
Holder
Cap
Terminal
Material
Remark
Order Number
l
Slot Knob
Straight
Thermoplastic
-
3101.0050
l
Slot Knob
Straight
Spec. Thermoplastic 1
Approvals pending
3101.0050.15
l
Fingergrip
Straight
Thermoplastic
-
3101.0055
l
Fingergrip
Straight
Spec. Thermoplastic 1
Approvals pending
3101.0055.15
Spec.thermoplasticmeetthenewrequirementsofIEC60335-1Ed.4.0forappliancesinunattendeduse(clause
30.2.3).Thisincludestheenhancedrequirementsofglowwiretestsacc.toIEC60695-2-11to-13.
Whiteandgreycoloursavailableonrequest
Packaging Unit
Bulk186x91x91mm(100pcs.)
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com