Electronic Components Datasheet Search
  English  ▼

X  

FPG7 Datasheet(PDF) 2 Page - Schurter Inc.

Part # FPG7
Description  Shock-Safe Fuseholder, 5 x 20 mm, horizontal, Slot/Fingergrip, SMD, IEC 60335-1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FPG7 Datasheet(HTML) 2 Page - Schurter Inc.

  FPG7 Datasheet HTML 1Page - Schurter Inc. FPG7 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Fuseholders
FPG7
www.schurter.com/pg02
Fuses
Abmessungen
32mm
1.5
ø
5
8
0
.
5
1
.
1
.14
4
6
.
7
2.7
1
5
7
.
1
11
8
5.5
32.1
6
Variant 3101.0070
1.5
ø
8
0
.
5
1
.
1
.14
4
6
.
7
2.7
1
5
7
.
1
5.5
32.1
4
37
5
11
8
Variant 3101.0075
17.5
5.5
5.5
Soldering pads
Derating Curves for Fuseholders
1.5
1.0
0.5
0.0
2.5
2.0
0
20
40
60
80
100
I = << In
I = 0.7 In
I = 1.0 In
Ambient air temperature Ta °C
Variants
Holder
Cap
Material
Reflow Condition
Remark
Order
Number
l
Slot Knob
Thermoplastic
-
will be replaced by 3101.0071
3101.0070
l
Slot Knob
Spec. Thermoplastic 2
acc. to JEDEC J-STD-020C, Tp=260 +0/-5 °C, tp = 20-40 s
Approvals pending
3101.0071
l
Fingergrip
Thermoplastic
-
Will be replaced by 3101.0076
3101.0075
l
Fingergrip
Spec. Thermoplastic 2
acc. to JEDEC J-STD-020C, Tp=260 +0/-5 °C, tp = 20-40 s
Approvals pending
3101.0076
Spec.thermoplasticmeetthenewrequirementsofIEC60335-1Ed.4.0forappliancesinunattendeduse(clause30.2.3).Thisincludestheenhancedrequire-
mentsofglowwiretestsacc.toIEC60695-2-11to-13.
Packaging Unit
xxxx.xxxx.D2
BlisterTape38cmReel(250pcs.)
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com