Electronic Components Datasheet Search
  English  ▼

X  

FSS Datasheet(PDF) 3 Page - Schurter Inc.

Part # FSS
Description  AC Filter 2-Stage, Very High Symmetrical Attenuation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FSS Datasheet(HTML) 3 Page - Schurter Inc.

  FSS Datasheet HTML 1Page - Schurter Inc. FSS Datasheet HTML 2Page - Schurter Inc. FSS Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image

-Phase Line Filters
FSS
www.schurter.com/pg06_
EMC Products
IndustrialVersion
4 A
6 A
10 A
16 A
Rated Current
[A]
Filter-Type
Leakage Cur-
rent [mA]
L
[mH]
L
[mH]
L
[mH]
Cx [
μF] Cx [μF]
Cy
[nF]
Cy
[nF]
R [M
Ω] Weight
[g]
Housing
Order Number
1
Standard Version
0.25
2 x 15
1
-
0.1
0.47
1.5
1
1
121
10
5500.2051
2
Standard Version
0.25
2 x 10
0.4
0.4
0.1
0.47
1.5
1
1
121
10
5500.2052
3
Standard Version
0.25
2 x 12
1
-
0.1
0.68
1.5
1
1
275
48
5500.2053
4
Industrial Version
1.4
2 x 10
0.8
-
0.1
0.68
10
4.7
1
275
48
5500.2054
6
Industrial Version
1.4
2 x 6
0.5
-
0.1
0.68
10
4.7
1
284
48
5500.2055
10
Industrial Version
1.4
2 x 5
0.2
0.2
0.1
1
10
4.7
1
529
19
5500.2056
16
Industrial Version
1.4
2 x 4
0.2
0.2
0.47
2.2
10
4.7
1
2000
27
5500.2057
Packaging unit
10Pcs
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com