Electronic Components Datasheet Search
  English  ▼

X  

B5129 Datasheet(PDF) 3 Page - EPCOS

Part # B5129
Description  SAW filter Base-station RF
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5129 Datasheet(HTML) 3 Page - EPCOS

  B5129 Datasheet HTML 1Page - EPCOS B5129 Datasheet HTML 2Page - EPCOS B5129 Datasheet HTML 3Page - EPCOS B5129 Datasheet HTML 4Page - EPCOS B5129 Datasheet HTML 5Page - EPCOS B5129 Datasheet HTML 6Page - EPCOS B5129 Datasheet HTML 7Page - EPCOS B5129 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
February 26, 2010
B5129
1900.0 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
1900.0
—
MHz
Minimum insertion attenuation
α
min
fN ± 20.0 MHz
—
2.8
3.0
dB
Amplitude ripple (p-p)
∆α
fN ± 20.0 MHz
—
0.8
1.2
dB
VSWR
Input
fN ± 20.0 MHz
—
1.7:1
2.0:1
Output
fN ± 20.0 MHz
—
1.7:1
2.0:1
Relative attenuation(relative to
α
min)
α
rel
10
...
1700 MHz
32
45
—
dB
1700
...
1830 MHz
32
36
—
dB
1830
...
1845 MHz
20
33
—
dB
1942
...
1970 MHz
4
11
—
dB
1970
...
2400 MHz
35
43
—
dB
2400
...
3500 MHz
30
40
—
dB
3500
...
4000 MHz
22
35
—
dB
4000
...
6000 MHz
13
22
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com