Electronic Components Datasheet Search
  English  ▼

X  

B5140 Datasheet(PDF) 3 Page - EPCOS

Part # B5140
Description  SAW filter TD-SCDMA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5140 Datasheet(HTML) 3 Page - EPCOS

  B5140 Datasheet HTML 1Page - EPCOS B5140 Datasheet HTML 2Page - EPCOS B5140 Datasheet HTML 3Page - EPCOS B5140 Datasheet HTML 4Page - EPCOS B5140 Datasheet HTML 5Page - EPCOS B5140 Datasheet HTML 6Page - EPCOS B5140 Datasheet HTML 7Page - EPCOS B5140 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
February 26, 2010
B5140
2017.50 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
=
-40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
2017.5
—
MHz
Maximum insertion attenuation
α
max
2010.0
... 2025.0
MHz
—
4.2
5.3
dB
Amplitude ripple (p-p)
∆α
2010.0
... 2025.0
MHz
—
0.6
1.7
dB
VSWR
2010.0
... 2025.0
MHz
—
1.7
1.9
Attenuation
α
1700.0
... 1785.0
MHz
40
43
—
dB
1800.0
... 1860.0
MHz
40
43
—
dB
1920.0
... 1970.0
MHz
30
44
—
dB
1970.0
... 1980.0
MHz
20
33
—
dB
1980.0
... 2000.0
MHz
3
5
—
dB
2035.0
... 2045.0
MHz
3
5
—
dB
2045.0
... 2050.0
MHz
4
13
—
dB
2050.0
... 2070.0
MHz
6
20
—
dB
2070.0
... 2085.0
MHz
30
40
—
dB
2170.0
... 4000.0
MHz
37
40
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com