Electronic Components Datasheet Search
  English  ▼

X  

B5204 Datasheet(PDF) 3 Page - EPCOS

Part # B5204
Description  SAW IF filter LTE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5204 Datasheet(HTML) 3 Page - EPCOS

  B5204 Datasheet HTML 1Page - EPCOS B5204 Datasheet HTML 2Page - EPCOS B5204 Datasheet HTML 3Page - EPCOS B5204 Datasheet HTML 4Page - EPCOS B5204 Datasheet HTML 5Page - EPCOS B5204 Datasheet HTML 6Page - EPCOS B5204 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
November 17, 2009
B5204
164.0 MHz
SAW Components
SAW IF filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
164.0
—
MHz
Minimum insertion attenuation
α
min
—
7.5
9.0
dB
(including matching network)
Passband width
α
rel ≤ 1.0 dB
B1.0dB
20.0
23.8
—
MHz
Amplitude ripple (p-p)
∆α
fN ± 10.0 MHz
—
0.2
1.0
dB
Phase ripple (rms)
∆ϕ
rms
fN ± 10.0 MHz
—
0.5
2.0
°
Group delay ripple (p-p)
∆τ
fN ± 10.0 MHz
—
15
50
ns
Absolute group delay (mean)
τ
fN ± 10.0 MHz
—
0.5
—
µs
Average Error Vector Magnitude
EVM
fN, WCDMA(k)1) ± 1.92MHz
1)
fN, WCDMA(k) = 156.5MHz + k∗5MHz;
k = (0,1,2,3)
—
1.0
4.0
%
Input IP3
40
—
—
dBm
Relative attenuation (relative to
α
min)
α
rel
10 MHz ... 123 MHz
40
65
—
dB
194 MHz ...
1 GHz
40
50
—
dB
Temperature coefficient of frequency
TCf
—
–87
—
ppm/K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com