Electronic Components Datasheet Search
  English  ▼

X  

B5207 Datasheet(PDF) 3 Page - EPCOS

Part # B5207
Description  SAW IF filter TD-SCDMA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5207 Datasheet(HTML) 3 Page - EPCOS

  B5207 Datasheet HTML 1Page - EPCOS B5207 Datasheet HTML 2Page - EPCOS B5207 Datasheet HTML 3Page - EPCOS B5207 Datasheet HTML 4Page - EPCOS B5207 Datasheet HTML 5Page - EPCOS B5207 Datasheet HTML 6Page - EPCOS B5207 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
March 05, 2009
B5207
138.24 MHz
SAW Components
SAW IF filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
138.24
—
MHz
Minimum insertion attenuation
α
min
—
8.5
10.0
dB
(including matching network)
Passband width
α
rel ≤
1.0
dB
B1.0dB
20
23.1
—
MHz
Amplitude ripple (p-p)
∆α
fN ± 10.0 MHz
—
0.4
1.0
dB
Group delay ripple (p-p)
∆τ
fN ± 10.0 MHz
—
40
60
ns
Absolute group delay (mean)
τ
fN ± 10.0 MHz
—
665
—
ns
Relative attenuation (relative to
α
min)
α
rel
10.00 MHz ...
90.00 MHz
55
62
—
dB
90.00 MHz ... 108.24 MHz
50
57
—
dB
108.24 MHz ... 117.52 MHz
50
57
—
dB
122.88 MHz
45
52
—
dB
220.40 MHz ... 271.12 MHz
58
75
—
dB
271.12 MHz ... 1000.00 MHz
40
75
—
dB
1dB compression point
12
—
—
dBm
Input IP3
35
—
—
dBm
Temperature coefficient of frequency
TCf
—
–87
—
ppm/K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com