Electronic Components Datasheet Search
  English  ▼

X  

B5209 Datasheet(PDF) 3 Page - EPCOS

Part # B5209
Description  SAW IF filter RadioLink
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5209 Datasheet(HTML) 3 Page - EPCOS

  B5209 Datasheet HTML 1Page - EPCOS B5209 Datasheet HTML 2Page - EPCOS B5209 Datasheet HTML 3Page - EPCOS B5209 Datasheet HTML 4Page - EPCOS B5209 Datasheet HTML 5Page - EPCOS B5209 Datasheet HTML 6Page - EPCOS B5209 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
May 18, 2009
B5209
140.0 MHz
SAW Components
SAW IF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
=
–5 ˚C to +80 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
140
MHz
Minimum insertion attenuation
α
min
7.8
10.0
dB
(including matching network)
Passband width
α
rel ≤ 3.0 dB
B3dB
15
18.7
MHz
α
rel ≤40.0 dB
B40dB
34.1
60
MHz
Amplitude ripple (p-p)
∆α
fN ± 6.0 MHz
0.66
1.0
dB
fN ± 7.5 MHz
0.66
3.0
dB
Group delay ripple (p-p)
∆τ
fN ± 6.0 MHz
55
100
ns
Relative attenuation (relative to
α
min)
α
rel
fN − 30.0 MHz ... fN − 130.0 MHz
40
55
dB
fN + 30.0 MHz ... fN + 360.0 MHz
40
65
dB
Temperature coefficient of frequency
TCf
–87
ppm/K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com