Electronic Components Datasheet Search
  English  ▼

X  

GRF4 Datasheet(PDF) 3 Page - Schurter Inc.

Part # GRF4
Description  IEC Appliance Inlet C14 with Filter, "Lock and Shield" Mounting
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

GRF4 Datasheet(HTML) 3 Page - Schurter Inc.

  GRF4 Datasheet HTML 1Page - Schurter Inc. GRF4 Datasheet HTML 2Page - Schurter Inc. GRF4 Datasheet HTML 3Page - Schurter Inc. GRF4 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image

Power Entry Modules with Line Filter
GRF4
www.schurter.com/pg06
EMC Products
Attenuation Loss
----differentialmode_____commonmode
Standardversion
0.5 A
1 A
3 A
6 A
10 A
15A
Medicalversion(M5)
0.5 A
1 A
3 A
6 A
10 A
15A
Variants
Rated Current
IEC [A]
Rated Current
UL [A]
Filter-Type
Panel Thickness
s [mm]
Order Number
0.5
0.5
Standard Version
1
GRF4.0411.011.C
1
1
Standard Version
1
GRF4.0412.011.C
6
6
Standard Version
1
GRF4.0416.011.C
10
10
Standard Version
1
GRF4.0417.011.C
0.5
0.5
Standard Version
1.5
GRF4.0411.013.C
1
1
Standard Version
1.5
GRF4.0412.013.C
3
3
Standard Version
1.5
GRF4.0413.013.C
6
6
Standard Version
1.5
GRF4.0416.013.C
10
10
Standard Version
1.5
GRF4.0417.013.C
15
15
Standard Version
1.5
GRF4.0419.013.C
3
3
Standard Version
2
GRF4.0413.014.C
0.5
0.5
Medical Version (M5)
1.5
GRF4.0021.013.C
1
1
Medical Version (M5)
1.5
GRF4.0022.013.C
3
3
Medical Version (M5)
1.5
GRF4.0023.013.C
6
6
Medical Version (M5)
1.5
GRF4.0026.013.C
10
10
Medical Version (M5)
1.5
GRF4.0027.013.C
15
15
Medical Version (M5)
1.5
GRF4.0029.013.C
Articleswithpackingunit200(withoutending".C")arenolongeravailable
Technical Data of Filter-Components
Rated Current
[A]
Filter-Type
Inductances
L [mH]
Capacitance
CX [nF]
Capacitance
CY [nF]
R [M
Ω]
0.5
Standard Version
2 x 24
100
2.2
-
1
Standard Version
2 x 12
100
2.2
-
3
Standard Version
2 x 2.5
100
2.2
-
6
Standard Version
2 x 0.78
100
2.2
-
10
Standard Version
2 x 0.225
100
2.2
-
15
Standard Version
2 x 0.075
100
2.2
-
0.5
Medical Version (M5)
2 x 24
100
-
1
1
Medical Version (M5)
2 x 12
100
-
1
3
Medical Version (M5)
2 x 2.5
100
-
1
6
Medical Version (M5)
2 x 0.78
100
-
1
10
Medical Version (M5)
2 x 0.225
100
-
1
15
Medical Version (M5)
2 x 0.075
100
-
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com