Electronic Components Datasheet Search
  English  ▼

X  

B5213 Datasheet(PDF) 3 Page - EPCOS

Part # B5213
Description  SAW IF filter TD-SCDMA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5213 Datasheet(HTML) 3 Page - EPCOS

  B5213 Datasheet HTML 1Page - EPCOS B5213 Datasheet HTML 2Page - EPCOS B5213 Datasheet HTML 3Page - EPCOS B5213 Datasheet HTML 4Page - EPCOS B5213 Datasheet HTML 5Page - EPCOS B5213 Datasheet HTML 6Page - EPCOS B5213 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
February 24, 2009
B5213
115.2 MHz
SAW Components
SAW IF filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω unbalanced and matching network
Terminating load impedance:
ZL =50 Ω unbalanced and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
115.2
MHz
Minimum insertion attenuation
α
min
7.9
9.0
dB
(including matching network)
Passband width
α
rel ≤ 1.0 dB
B1.0dB
20.0
22.6
MHz
Amplitude ripple (p-p)
∆α
fN ± 10.0 MHz
0.3
1.0
dB
Group delay ripple (p-p)
∆τ
fN ± 10.0 MHz
25
60
ns
Absolute group delay (mean)
τ
fN ± 10.0 MHz
0.44
µs
Relative attenuation (relative to
α
min)
α
rel
10.0 MHz ...
48.4 MHz
58
65
dB
153.6 MHz
45
60
dB
182.0 MHz ... 202.0 MHz
58
65
dB
202.0 MHz ...
1.0 GHz
40
53
dB
1dB compression point
12
dBm
Input IP3
35
dBm
Temperature coefficient of frequency
TCf
–78
ppm/K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com