Electronic Components Datasheet Search
  English  ▼

X  

B5215 Datasheet(PDF) 4 Page - EPCOS

Part # B5215
Description  SAW IF filter LTE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5215 Datasheet(HTML) 4 Page - EPCOS

  B5215 Datasheet HTML 1Page - EPCOS B5215 Datasheet HTML 2Page - EPCOS B5215 Datasheet HTML 3Page - EPCOS B5215 Datasheet HTML 4Page - EPCOS B5215 Datasheet HTML 5Page - EPCOS B5215 Datasheet HTML 6Page - EPCOS B5215 Datasheet HTML 7Page - EPCOS B5215 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
January 27, 2010
B5215
358.4 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data sheet
Matching network to 200
Ω
Element values depend upon PCB properties and layout.
Transformers are only required for measurement in a 50
Ω system.
Time side-lobe response attenuation
>1
µs after main pulse
40 2)
60
—
dB
Return loss
∆α
input
fN ± 9.6 MHz
—
10
—
dB
output
fN ± 9.6 MHz
—
14
—
dB
Temperature coefficient of frequency
TCf
—
–18
—
ppm/K
1) Ultimate rejection is limited by electromagnetic feedthrough which depends upon PCB layout
2) Apart from triple transit peak around 1.7
µs which may reach up to 39dB
Maximum ratings
Operable temperature range
T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
Input power (passband)
PIN
19
dBm
24 hours at 50˚C
Input power (stopband > 10 dBc)
PIN
25
dBm
24 hours at 50˚C
min.
typ.
@ 25 ˚C
max.
Ls1 = 18 nH
Lp2 = 22 nH
Lp3 = 18 nH || 220 nH
Ls4 =
0 nH



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com