Electronic Components Datasheet Search
  English  ▼

X  

B5227 Datasheet(PDF) 3 Page - EPCOS

Part # B5227
Description  SAW IF filter TD-SCDMA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5227 Datasheet(HTML) 3 Page - EPCOS

  B5227 Datasheet HTML 1Page - EPCOS B5227 Datasheet HTML 2Page - EPCOS B5227 Datasheet HTML 3Page - EPCOS B5227 Datasheet HTML 4Page - EPCOS B5227 Datasheet HTML 5Page - EPCOS B5227 Datasheet HTML 6Page - EPCOS B5227 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
January 12, 2010
B5227
138.24 MHz
SAW Components
SAW IF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
138.24
—
MHz
Minimum insertion attenuation
α
min
—
7.8
10
dB
(including matching network)
Passband width
α
rel ≤
1.0
dB
B1.0dB
15
17.3
—
MHz
α
rel ≤
3.0
dB
B3.0dB
16
18.5
—
MHz
Amplitude ripple (p-p)
∆α
fN ± 7.5 MHz
—
0.5
1.0
dB
fN ± 8.0 MHz
—
0.5
3.0
dB
Phase ripple (p-p)
∆ϕ
fN ± 7.5 MHz
—
4
—
˚
Group delay ripple (p-p)
∆τ
fN ± 7.5 MHz
—
50
140
ns
Absolute group delay (mean)
τ
fN ± 7.5 MHz
—
0.7
1.3
µs
Relative attenuation (relative to
α
min)
α
rel
10.00 MHz ...
50.00 MHz
50
60
—
dB
50.00 MHz ... 125.74 MHz
40
50
—
dB
150.74 MHz ... 160.00 MHz
37
45
—
dB
160.00 MHz ... 300.00 MHz
40
55
—
dB
300.00 MHz ... 500.00 MHz
45
65
—
dB
Return loss (input and output)
fN ± 7.5 MHz
8
10
—
dB
Input IP3
35
—
—
dBm
Temperature coefficient of frequency
TCf
—
–87
—
ppm/K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com