Electronic Components Datasheet Search
  English  ▼

X  

B7742 Datasheet(PDF) 3 Page - EPCOS

Part # B7742
Description  SAW GPS Extractor Filter GPS Extractor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7742 Datasheet(HTML) 3 Page - EPCOS

  B7742 Datasheet HTML 1Page - EPCOS B7742 Datasheet HTML 2Page - EPCOS B7742 Datasheet HTML 3Page - EPCOS B7742 Datasheet HTML 4Page - EPCOS B7742 Datasheet HTML 5Page - EPCOS B7742 Datasheet HTML 6Page - EPCOS B7742 Datasheet HTML 7Page - EPCOS B7742 Datasheet HTML 8Page - EPCOS B7742 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
April 24, 2009
B7742
1575.42 / 859 / 1810 / 1920 / 2140 / 2441.75 MHz
SAW Components
SAW GPS Extractor Filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Matching Circuit 11) : All Bands + GPS (1575.42 MHz)
Temperature range for specification:
T
= -30 ˚C to +85 ˚C
Terminating input antenna impedance:
ZANT =50 Ω || 6.8 nH
Terminating GPS impedance:
ZGPS =50 Ω
Terminating NON-GPS impedance:
ZnGPS =50 Ω || 6.8 nH
1) Further Matching Circuits are specified in B7742 Appendix
B7742
min.
typ.
@ 25 ˚C
max.
Maximum insertion attenuation
α
max
Antenna-GPS
1574.42
... 1576.42 MHz
—
1.1
1.6
dB
Antenna-NON-GPS
824.0
...
960.0 MHz
—
0.8
1.3
dB
Antenna-NON-GPS
1710.0
... 1990.0 MHz
—
0.8
1.3
dB
Antenna-NON-GPS
2110.0
... 2170.0 MHz
—
1.1
1.5
dB
Antenna-NON-GPS
2400.0
... 2483.5 MHz
—
1.1
1.6
dB
Attenuation
α
Antenna-GPS
824.0
...
960.0 MHz
33
39
—
dB
Antenna-GPS
1710.0
... 1990.0 MHz
33
37
—
dB
Antenna-GPS
2110.0
... 2170.0 MHz
33
37
—
dB
Antenna-GPS
2400.0
... 2483.5 MHz
35
39
—
dB
VSWR (Antenna port)
GPS band
1574.42
... 1576.42 MHz
—
1.3
1.8
NON-GPS band
824.0
...
960.0 MHz
—
2.0
2.5
NON-GPS band
1710.0
... 1990.0 MHz
—
1.4
2.0
NON-GPS band
2110.0
... 2170.0 MHz
—
1.6
2.1
NON-GPS band
2400.0
... 2483.5 MHz
—
1.8
2.4
VSWR (GPS port)
GPS band
1574.42
... 1576.42 MHz
—
1.2
1.8
VSWR (NON-GPS port)
824.0
...
960.0 MHz
—
2.0
2.5
1710.0
... 1990.0 MHz
—
1.4
2.0
2110.0
... 2170.0 MHz
—
1.6
2.1
2400.0
... 2483.5 MHz
—
1.8
2.4
Isolation between NON-GPS and GPS path
α
824.0
...
960.0 MHz
33
37
—
dB
1710.0
... 1990.0 MHz
33
37
—
dB
2110.0
... 2170.0 MHz
33
37
—
dB
2400.0
... 2483.5 MHz
35
40
—
dB
GPS
ANT
Cellular
NON-GPS
(All bands)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com