Electronic Components Datasheet Search
  English  ▼

X  

B7750 Datasheet(PDF) 3 Page - EPCOS

Part # B7750
Description  SAW filter W-CDMA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7750 Datasheet(HTML) 3 Page - EPCOS

  B7750 Datasheet HTML 1Page - EPCOS B7750 Datasheet HTML 2Page - EPCOS B7750 Datasheet HTML 3Page - EPCOS B7750 Datasheet HTML 4Page - EPCOS B7750 Datasheet HTML 5Page - EPCOS B7750 Datasheet HTML 6Page - EPCOS B7750 Datasheet HTML 7Page - EPCOS B7750 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
September 11, 2008
B7750
2140.00 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
=
-20 to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
2140.0
—
MHz
Maximum insertion attenuation
α
max
2110.0
... 2170.0
MHz
—
2.6
2.8
dB
Amplitude ripple (p-p)
∆α
2110.0
... 2170.0
MHz
—
0.8
1.0
dB
Input VSWR
2110.0
... 2170.0
MHz
—
2.2
2.4
Output VSWR
2110.0
... 2170.0
MHz
—
2.2
2.4
Absolute Attenuation
α
0.0
... 1500.0
MHz
40
42
—
dB
1500.0
... 1880.0
MHz
35
40
—
dB
1920.0
... 1980.0
MHz
34
36
—
dB
2025.0
... 2050.0
MHz
20
25
—
dB
2205.0
... 2265.0
MHz
10
20
—
dB
2230.0
... 2260.0
MHz
22
24
—
dB
2300.0
... 2360.0
MHz
33
38
—
dB
2490.0
... 2550.0
MHz
37
43
—
dB
2870.0
... 2930.0
MHz
31
35
—
dB
4000.0
... 6000.0
MHz
20
31
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com