Electronic Components Datasheet Search
  English  ▼

X  

B7763 Datasheet(PDF) 3 Page - EPCOS

Part # B7763
Description  SAW GPS Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7763 Datasheet(HTML) 3 Page - EPCOS

  B7763 Datasheet HTML 1Page - EPCOS B7763 Datasheet HTML 2Page - EPCOS B7763 Datasheet HTML 3Page - EPCOS B7763 Datasheet HTML 4Page - EPCOS B7763 Datasheet HTML 5Page - EPCOS B7763 Datasheet HTML 6Page - EPCOS B7763 Datasheet HTML 7Page - EPCOS B7763 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Jul 13, 2007
B7763
1575.42 MHz
SAW Components
Low-Loss Filter for Mobile Communication
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
=
-30 to +70 ˚C
Terminating source impedance:
ZS =50Ω
Terminating load impedance:
ZL =50Ω
B7763
min.
typ.
@ 25˚C
max.
Center frequency
fC
—
1575.42
—
MHz
Maximum insertion attenuation
α
max
1574.42 ... 1576.42 MHz
—
0.95 1)
1) PCB loss de-embedded
1.3
dB
Amplitude ripple (p-p)
∆α
1574.42 ... 1576.42 MHz
—
0.1
0.5
dB
Group delay ripple (p-p)
1574.42 ... 1576.42 MHz
∆τ
—2
50
ns
Return loss (Input and Output)
1574.42 ... 1576.42 MHz
12
20
—
Attenuation
α
806.0 ...
902.0
MHz
50
54
—
dB
1612.0 ... 1710.0
MHz
15 2)
2) Only at room temperature 25˚C
19
—
dB
1710.0 ... 1880.0
MHz
20
28
—
dB
1880.0 ... 4000.0
MHz
15
21
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com