Electronic Components Datasheet Search
  English  ▼

X  

HDT Datasheet(PDF) 2 Page - Schurter Inc.

Part # HDT
Description  NO 2pole, IP65, illuminated Data sheet / Specifications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

HDT Datasheet(HTML) 2 Page - Schurter Inc.

  HDT Datasheet HTML 1Page - Schurter Inc. HDT Datasheet HTML 2Page - Schurter Inc. HDT Datasheet HTML 3Page - Schurter Inc. HDT Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Changes that contribute to technical improvement are subject to alternations
1996
Datum
Name
HDT
Bearb. 10.09.
Weisen
Gepr.
04.12.07
Weisen.
NO 2pole, IP65, illuminated
Vert.
e
9427
09.11.07
Weisen.
EDV-Datenblatt
Data sheet / Specifications
d
8828
04.05.04
Wesien.
c
8513
27.08.02
Weisen.
nicht manuell ändern
b
8349
14.11.01
Weisen.
a
8016
03.02.00
Weisen.
H
105.9296.201
-
7301
10.09.96
Weisen.
Zu Änd.
Datum
Name
Seite 2 von 4
Index: e
Verteiler nach
H 150.9304 Pos.C05
Technical data
1. Mechanical data
Actuating force
IP65
2,5N
0,5N
Contact travel
NO
1,2mm
0,2mm
End contact travel
2,5mm
0,1mm
End Stop strength (DIN41640 Teil19)
>100N
Lifetime (IEC 512-5 Test 9a)
>5x10
5 Operations
2. Electrical data
Switching voltage max.
50V DC / 60V AC
Switching current max.
200 mA
Lifetime
(rated interrupting capacity 1,2W).
> 2x10
5 cycles
Initial contact resistance, new (IEC 512-2, mV-Methode
< 30m
Ω
Initial contact resistance, after 2x10
5 cycles
< 50m
Ω
Insulation resistance (IEC 512-2)
> 10
10Ω
Contact bounce time
Typ. 0,5ms
3. Other data
Ambient temperature
-40°C...+85°C
Storage temperature
-40°C...+85°C
Cleaning agent proof (gem. IEC 68-2-45)
Zestron
Flux proof (gem. DIN 41640 Teil84) IP65
given
Degree of protection
IP65
4. Materials
Socket, cover, contact unit, carrier ring
Thermoplast PA 4.6
Button illuminated
Thermoplast PES
Sealing ring
Silikon tempered
Terminals
CuZn, 3µm Ag, hot tinned
Contacts
CuBe HM, 5µmAg
5. Packaging
in boxes á 100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com