Electronic Components Datasheet Search
  English  ▼

X  

SR130 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SR130
Description  SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SR130 Datasheet(HTML) 1 Page - Rectron Semiconductor

  SR130 Datasheet HTML 1Page - Rectron Semiconductor SR130 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Low switching noise
* Low forward voltage drop
* High current capability
* High switching capability
* High surge capabitity
* High reliability
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.33 gram
SR120
THRU
SR160
DO-41
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Thermal Resistance (Junction to Ambient): Vertical PC Board Mounting, 0.5” (12.7mm) Lead Length.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
Dimensions in inches and (millimeters)
1998-8
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
mAmps
Maximum Instantaneous Forward Voltage at 1.0A DC
Volts
1.0
10
@TA = 25
oC
@TA = 100
oC
.55
.70
mAmps
UNITS
SR120
SR140
SR150
SR160
SR130
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375” (9.5mm) lead length
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
1.0
40
50
110
Amps
0 C/ W
0 C
Storage Temperature Range
R
θ JA
IO
-65 to + 125
pF
Operating Temperature Range
TJ
SR120
SR140
SR150
SR160
SR130
20
40
50
60
30
14
28
35
42
21
20
40
50
60
30
-65 to + 150
-65 to + 150
0 C
Back


Similar Part No. - SR130

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR130 WTE-SR130 Datasheet
50Kb / 3P
1.0A SCHOTTKY BARRIER RECTIFIER
logo
Bytes
SR130 BYTES-SR130 Datasheet
153Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Formosa MS
SR130 FORMOSA-SR130 Datasheet
33Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
List of Unclassifed Man...
SR130 ETC1-SR130 Datasheet
48Kb / 1P
SCHOTTKY RECTIERS SILICON RECTIFIER DIODES
logo
Won-Top Electronics
SR130 WTE-SR130 Datasheet
63Kb / 4P
1.0A SCHOTTKY BARRIER DIODE
More results

Similar Description - SR130

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SM120 RECTRON-SM120 Datasheet
25Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere)
1N17 RECTRON-1N17_06 Datasheet
262Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
FM120C RECTRON-FM120C Datasheet
34Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
SM120 RECTRON-SM120_07 Datasheet
243Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
SS2 RECTRON-SS2 Datasheet
31Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
SS2L RECTRON-SS2L Datasheet
31Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
SS20 RECTRON-SS20 Datasheet
282Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
FM120B RECTRON-FM120B_11 Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
KMD20S RECTRON-KMD20S Datasheet
577Kb / 4P
SCHOTTKY BARRIER BRIDGE RECTIFIER VOLTAGE RANGE 20 TO 60 Volts CURRENT 1.0 Ampere
1S20 RECTRON-1S20_V01 Datasheet
87Kb / 5P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 100 Volts CURRENT 1.0 Ampere
2009-10 REV:A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com