Electronic Components Datasheet Search
  English  ▼

X  

SR520 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # SR520
Description  SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 5.0 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SR520 Datasheet(HTML) 2 Page - Rectron Semiconductor

  SR520 Datasheet HTML 1Page - Rectron Semiconductor SR520 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RECTRON
RATING AND CHARACTERISTIC CURVES ( SR520 HRU SR560 )
FIG. 1 - TYPICAL FORWARD CURRENT
DERATING CURVE
LEAD TEMPERATURE, (
)
6
5
4
3
2
1
0
0
25
50
75
100
125
150
Single Phase
Half Wave 60Hz
Resistive of
Inductive Load
0.375" (9.5mm) Lead Length
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
20
10
5
2
1
.5
.2
.1
0
.2
.4
.6
.8
1
1.2
Pulse measurement
TJ = 125
(SR550~SR560)
TJ = 125
(SR520~SR540)
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, (V)
.1
.2
.5
1
2
5
10
20
40
4
2
1
.5
.2
.1
.05
.02
TJ = 25
FIG. 2 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
20
40
60
80
100
120
140
.001
.01
.1
1.0
10
TJ = 125
TJ = 75
TJ = 25
FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
2
5
10
20
50
100
150
125
100
75
50
25
8.3ms Single Half Sine-Wave
(JEDED Method)
0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com