Electronic Components Datasheet Search
  English  ▼

X  

SR540 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SR540
Description  SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 5.0 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SR540 Datasheet(HTML) 1 Page - Rectron Semiconductor

  SR540 Datasheet HTML 1Page - Rectron Semiconductor SR540 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 60 Volts CURRENT 5.0 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* High reliability
* Low switching noise
* Low forward voltage drop
* High current capability
* High switching capability
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
* Case: Molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 1.18 grams
SR520
THRU
SR560
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Thermal Resistance (Junction to Ambient): Vertical PC Board Mounting, 0.5” (12.7mm) Lead Length.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
DO-201AD
Dimensions in inches and (millimeters)
2001-5
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
mAmps
Maximum Instantaneous Forward Voltage at 5.0A DC
Volts
10
.55
.70
TA = 25
oC
UNITS
SR520
SR540
SR550
SR560
SR530
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375” (9.5mm) lead length
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
5.0
150
18
200
Amps
0C/ W
0 C
Storage Temperature Range
R
θ JA
IO
-65 to + 125
pF
Operating Temperature Range
TJ
SR520
SR540
SR550
SR560
SR530
20
40
50
60
30
14
28
35
42
21
20
40
50
60
30
-65 to + 150
-65 to + 150
0 C
.220 (5.6)
.197 (5.0)
DIA.
.052 (1.3)
.048 (1.2)
DIA.
1.0 (25.4)
MIN.
.335 (8.5)
.375 (9.5)
1.0 (25.4)
MIN.


Similar Part No. - SR540

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR540 WTE-SR540 Datasheet
50Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
logo
Bytes
SR540 BYTES-SR540 Datasheet
153Kb / 2P
5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Lunsure Electr...
SR540 CHENYI-SR540 Datasheet
164Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Dc Components
SR540 DCCOM-SR540 Datasheet
427Kb / 2P
TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SR540 FORMOSA-SR540 Datasheet
33Kb / 2P
5.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR540

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SR1620CS RECTRON-SR1620CS Datasheet
25Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 16 Amperes)
SR3020C RECTRON-SR3020C Datasheet
26Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 30 Amperes)
SR320 RECTRON-SR320 Datasheet
230Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 3.0 Amperes)
SR6020C RECTRON-SR6020C Datasheet
230Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 50 Volts CURRENT 60 Amperes)
SR820S RECTRON-SR820S Datasheet
24Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 8.0 Amperes)
ISR1060C RECTRON-ISR1060C Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 10 Amperes
ISR2020C RECTRON-ISR2020C Datasheet
30Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 20 Amperes)
ISR1620C RECTRON-ISR1620C Datasheet
31Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 16 Amperes
SR1020 RECTRON-SR1020 Datasheet
29Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 10 Amperes
logo
WILLAS ELECTRONIC CORP
SR520 WILLAS-SR520 Datasheet
275Kb / 2P
VOLTAGE RANGE 20 to 60 Volts CURRENT 5.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com