Electronic Components Datasheet Search
  English  ▼

X  

486-1908 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 486-1908
Description  Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, 250 VAC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

486-1908 Datasheet(HTML) 1 Page - Schurter Inc.

  486-1908 Datasheet HTML 1Page - Schurter Inc. 486-1908 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Non resettable fuses
FST 6.3x32 (UL)
www.schurter.com/pg0_2
Fuses
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, 250 VAC
UL 248-14 · 250VAC · Time-Lag T
Description
-ULStandardFuse
-GlassTube
Standards
-UL248-14
-CSAC22.2no.248.14
Approvals
-ULFileNumber:E42088
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
RatedVoltage
125-250VAC
RatedCurrent
0.63-15A
BreakingCapacity
35A-10kA
Characteristic
Time-LagT
Mounting
Fuseholder/Clip
AdmissibleAmbientAirTemp. -55°Cto125°C
ClimaticCategory
055/085/21acc.toIEC60068-1
Material:Tube
Glass
Material:Endcaps
Nickel-PlatedCopperAlloy
UnitWeight
2g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
Current,Voltage,Characteristic,Ap-
provals
Dimensions
32mm
 
31.8±1
Pre-Arcing Time
Rated Current In
. x In min.
.35 x In
max.
2.0 x In min 2.0 x In max
0.02 A - 2 A
4 h
60 min
5 s
30 s
2.5 A - 20 A
4 h
60 min
5 s
30 s


Similar Part No. - 486-1908

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
486-1922 SCHURTER-486-1922 Datasheet
438Kb / 3P
Surface Mount Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC, Au plating
486-1922-ND SCHURTER-486-1922-ND Datasheet
438Kb / 3P
Surface Mount Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC, Au plating
486-1923 SCHURTER-486-1923 Datasheet
438Kb / 3P
Surface Mount Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC, Au plating
486-1923-ND SCHURTER-486-1923-ND Datasheet
438Kb / 3P
Surface Mount Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC, Au plating
486-1924 SCHURTER-486-1924 Datasheet
438Kb / 3P
Surface Mount Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC, Au plating
More results

Similar Description - 486-1908

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
172600 SCHURTER-172600 Datasheet
351Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, NNO, 250 VAC
00343401 SCHURTER-00343401 Datasheet
298Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
172600 SCHURTER-172600_18 Datasheet
184Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, NNO, 250 VAC
FST6.3X32 SCHURTER-FST6.3X32 Datasheet
234Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
FST6.3X32UL SCHURTER-FST6.3X32UL Datasheet
244Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, 250 VAC
SPT6.3X32 SCHURTER-SPT6.3X32 Datasheet
256Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, Sand, 250 VAC
FST6.3X32 SCHURTER-FST6.3X32_V01 Datasheet
186Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
29.09.2021
172600 SCHURTER-172600_V02 Datasheet
179Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, NNO, 250 VAC
04.01.2022
FST6.3X32 SCHURTER-FST6.3X32_V02 Datasheet
213Kb / 4P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
09.12.2021
FST6.3X32UL SCHURTER-FST6.3X32UL_V02 Datasheet
180Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, 250 VAC
04.01.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com