Electronic Components Datasheet Search
  English  ▼

X  

SR830S Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # SR830S
Description  SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 8.0 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SR830S Datasheet(HTML) 2 Page - Rectron Semiconductor

  SR830S Datasheet HTML 1Page - Rectron Semiconductor SR830S Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RECTRON
RATING AND CHARACTERISTIC CURVES ( SR820S THRU SR860S )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE, (
)
0
50
100
150
10
8
6
4
2
0
Single Phase Half Wave
60Hz Inductive or
Resistive Load
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, ( V )
4000
2000
1000
800
600
400
200
100
.1
.4
1.0
4
10
40
80 100
SR820S~SR845S
SR850S~SR860S
FIG. 2 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK
REVERSE VOLTAGE, (%)
10
1.0
.1
.01
.001
20
0
40
60
80
100
120
140
TC = 150
TC = 125
TC = 75
TC = 25
SR820S~SR845S
SR850S~SR860S
SR820S~SR845S
SR850S~SR860S
FIG. 5 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
50
10
1.0
0.1
.1
.2
.3
.4
.5
.6
.7
.8
.9
1.0
TJ = 25
Pulse Width=300uS
1% Duty Cycle
FIG. 3 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
155
150
145
140
135
130
125
1
2
5
10
20
50
100
8.3ms Single Half Sine-Wave
(JEDED Method)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com