Electronic Components Datasheet Search
  English  ▼

X  

B9022 Datasheet(PDF) 4 Page - EPCOS

Part # B9022
Description  SAW Rx Filter GSM 850
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9022 Datasheet(HTML) 4 Page - EPCOS

  B9022 Datasheet HTML 1Page - EPCOS B9022 Datasheet HTML 2Page - EPCOS B9022 Datasheet HTML 3Page - EPCOS B9022 Datasheet HTML 4Page - EPCOS B9022 Datasheet HTML 5Page - EPCOS B9022 Datasheet HTML 6Page - EPCOS B9022 Datasheet HTML 7Page - EPCOS B9022 Datasheet HTML 8Page - EPCOS B9022 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Apr 30, 2009
B9022
881.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Rx Filter
Data sheet
Characteristics
Temperature range for specification:
T
=
–30 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
max.
Center frequency
fC
—
881.5
—
MHz
Maximum insertion attenuation
α
max
869.0 ...
894.0
MHz
—
2.0
2.3
dB
Amplitude ripple (p-p)
∆α
869.0 ...
894.0
MHz
—
0.7
1.0
dB
Input VSWR
869.0 ...
894.0
MHz
—
1.7
2.0
Output VSWR
869.0 ...
894.0
MHz
—
1.7
2.0
Attenuation
α
0.0 ...
780.0
MHz
50
54
—
dB
780.0 ...
840.0
MHz
42
50
—
dB
840.0 ...
849.0
MHz
35
39
—
dB
914.0 ...
950.0
MHz
25
28
—
dB
950.0 ... 1500.0
MHz
45
52
—
dB
1500.0 ... 2200.0
MHz
40
45
—
dB
2200.0 ... 3000.0
MHz
33
38
—
dB
3000.0 ... 4000.0
MHz
28
32
—
dB
4000.0 ... 6000.0
MHz
15
21
—
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com