Electronic Components Datasheet Search
  English  ▼

X  

B9100 Datasheet(PDF) 5 Page - EPCOS

Part # B9100
Description  SAW CELL / GPS / PCS Triplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9100 Datasheet(HTML) 5 Page - EPCOS

  B9100 Datasheet HTML 1Page - EPCOS B9100 Datasheet HTML 2Page - EPCOS B9100 Datasheet HTML 3Page - EPCOS B9100 Datasheet HTML 4Page - EPCOS B9100 Datasheet HTML 5Page - EPCOS B9100 Datasheet HTML 6Page - EPCOS B9100 Datasheet HTML 7Page - EPCOS B9100 Datasheet HTML 8Page - EPCOS B9100 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
October 16, 2009
B9100
859.0 / 1575.42 / 1920.0 MHz
SAW Components
SAW CELL / GPS / PCS Triplexer
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Maximum ratings
Operable temperature range T
–30/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
5
V
at GPS port
ESD voltage
VESD
501)
1) acc. to JESD22-A115A (machine model), 10 negative & 10 positive pulses.
V
machine model, 10 pulses
Input power at
CELL port
effective power in the on-state
824 ... 849 MHz
PIN
31
dBm
continuous wave signal
PCS port
1850 ... 1910 MHz
PIN
31
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com