Electronic Components Datasheet Search
  English  ▼

X  

B9416 Datasheet(PDF) 3 Page - EPCOS

Part # B9416
Description  SAW filter GPS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9416 Datasheet(HTML) 3 Page - EPCOS

  B9416 Datasheet HTML 1Page - EPCOS B9416 Datasheet HTML 2Page - EPCOS B9416 Datasheet HTML 3Page - EPCOS B9416 Datasheet HTML 4Page - EPCOS B9416 Datasheet HTML 5Page - EPCOS B9416 Datasheet HTML 6Page - EPCOS B9416 Datasheet HTML 7Page - EPCOS B9416 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
March 05, 2007
B9416
1575.42 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –30 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
1575.42
—
MHz
Maximum insertion attenuation
α
max
1574.42 ... 1576.42 MHz
—
0.9
1.2
dB
dB
Amplitude ripple (p-p)
∆α
1574.42 ... 1576.42 MHz
—
0.05
0.3
dB
Input VSWR
1574.42 ... 1576.42 MHz
—
1.1
1.8
Output VSWR
1574.42 ... 1576.42 MHz
—
1.1
1.8
Attenuation
α
0.1
...
960.0
MHz
38
40
—
dB
960.0
... 1460.0
MHz
35
39
—
dB
1460.0
... 1513.0
MHz
22
28
—
dB
1648.0
... 1710.0
MHz
22
26
—
dB
1710.0
... 1990.0
MHz
25
33
—
dB
1990.0
... 2300.0
MHz
25
30
—
dB
2300.0
... 4000.0
MHz
30
38
—
dB
4000.0
... 6000.0
MHz
20
35
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com