Electronic Components Datasheet Search
  English  ▼

X  

B9430 Datasheet(PDF) 5 Page - EPCOS

Part # B9430
Description  SAW RF filter WLAN
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9430 Datasheet(HTML) 5 Page - EPCOS

  B9430 Datasheet HTML 1Page - EPCOS B9430 Datasheet HTML 2Page - EPCOS B9430 Datasheet HTML 3Page - EPCOS B9430 Datasheet HTML 4Page - EPCOS B9430 Datasheet HTML 5Page - EPCOS B9430 Datasheet HTML 6Page - EPCOS B9430 Datasheet HTML 7Page - EPCOS B9430 Datasheet HTML 8Page - EPCOS B9430 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
September 02, 2008
B9430
2450.0 MHz
SAW Components
SAW RF Filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –30 ˚C to +85 ˚C
Terminating source impedance:
ZS =
50
Ω + matching network
Terminating load impedance:
ZL =
50
Ω + matching network
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
2450.0
—
MHz
Maximum insertion attenuation
α
max
2400.0
... 2500.0
MHz
—
2.5
2.8 1)
1) including a pcb loss of 0.2dB
dB
Amplitude ripple (p-p)
∆α
2400.0
... 2500.0
MHz
—
0.8
1.3
dB
Input VSWR
2400.0
... 2500.0
MHz
—
1.7
2.0
Output VSWR
2400.0
... 2500.0
MHz
—
1.7
2.0
Attenuation
α
100.0
...
960.0
MHz
33
36
—
dB
960.0
... 1570.0
MHz
32
34
—
dB
1570.0
... 1580.0
MHz
32
34
—
dB
1580.0
... 1710.0
MHz
32
34
—
dB
1710.0
... 1910.0
MHz
32
34
—
dB
1910.0
... 1980.0
MHz
32
34
—
dB
2110.0
... 2170.0
MHz
36
40
—
dB
2750.0
... 3200.0
MHz
15
19
—
dB
3200.0
... 4900.0
MHz
15
19
—
dB
4900.0
... 6000.0
MHz
25
29
—
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com