Electronic Components Datasheet Search
  English  ▼

X  

VR60 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # VR60
Description  VARISTOR SILICON RECTIFIER (CURRENT 0.5 Ampere)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

VR60 Datasheet(HTML) 1 Page - Rectron Semiconductor

  VR60 Datasheet HTML 1Page - Rectron Semiconductor VR60 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CURRENT 0.5 Ampere
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Low cost
* Low leakage
* Low forward voltage drop
* High current capability
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
VR60
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
VARISTOR SILICON RECTIFIER
DO-15
Dimensions in inches and (millimeters)
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.4 gram
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
1998-8
RATINGS
Storage Temperature Range
Operating Temperature Range
SYMBOL
T J
TSTG
0 C
-65 to + 150
-65 to + 150
0 C
UNITS
at TA = 75
oC
Amps
VR60
0.5
Maximum Average Forward Rectified Current
IO
Maximum Leak Current at 0.2V Forward Voltage
CHARACTERISTICS
VF
SYMBOL
IF
UNITS
Volts
Maximum Forward Voltage Drop per element at 1.0A DC
Volts
0.5
Maximum Forward Voltage Drop per element at 1.0mA DC
VR60
1.5
20
uAmps
Back


Similar Part No. - VR60

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
VR60 SSE-VR60 Datasheet
16Kb / 1P
SILICON VARISTOR
logo
Galaxy Semi-Conductor H...
VR60 BILIN-VR60 Datasheet
52Kb / 2P
SILICON VARISTOR
logo
Kwang Myoung I.S. CO.,L...
VR60 KISEMICONDUCTOR-VR60 Datasheet
2Mb / 2P
SILICON VARlSTOR
logo
SAMYANG ELECTRONICS CO....
VR60 SAMYANG-VR60 Datasheet
748Kb / 2P
SILICON VARISTOR
logo
Shindengen Electric Mfg...
VR60B SHINDENGEN-VR60B Datasheet
126Kb / 1P
Varistor
More results

Similar Description - VR60

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R1200 RECTRON-R1200 Datasheet
19Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere)
RL1N1000F RECTRON-RL1N1000F Datasheet
23Kb / 2P
PHOTOFLASH RECTIFIER (VOLTAGE RANGE 1000 to 1800 Volts CURRENT 0.5 Ampere)
05A1L RECTRON-05A1L Datasheet
318Kb / 4P
SURFACE MOUNT SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampere
FFM1600W RECTRON-FFM1600W Datasheet
26Kb / 2P
FAST RECOVERY RECTIFIER VOLTAGE 1600 Volts CURRENT 0.5 Ampere
R2500 RECTRON-R2500_10 Datasheet
413Kb / 5P
HIGH VOLTAGE SILICON RECTIFIER Volts CURRENT 0.2 Ampere
SPA1503-T-S-A01 RECTRON-SPA1503-T-S-A01 Datasheet
236Kb / 4P
SILICON RECTIFIER VOLAGE 200 Volts CURRENT 15 Ampere
SPA2003-T-S-A01 RECTRON-SPA2003-T-S-A01 Datasheet
315Kb / 4P
SILICON RECTIFIER VOLAGE 200 Volts CURRENT 20 Ampere
logo
GOOD-ARK Electronics
054B48 GOOD-ARK-054B48_15 Datasheet
258Kb / 2P
Silicon Diffused Type Rectifier Stack Reverse Voltage 100 to 600 Volts Forward Current 0.5 Ampere
05GU4B48 GOOD-ARK-05GU4B48_15 Datasheet
314Kb / 2P
Silicon Diffused Junction Type Rectifier Stack Reverse Voltage 400 Volts Forward Current 0.5 Ampere
U05GU4B48 GOOD-ARK-U05GU4B48_15 Datasheet
435Kb / 3P
Silicon Diffused Junction Type Rectifier Stack Reverse Voltage 400 Volts Forward Current 0.5 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com