Electronic Components Datasheet Search
  English  ▼

X  

B9447 Datasheet(PDF) 1 Page - EPCOS

Part # B9447
Description  SAW filter Bluetooth
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9447 Datasheet(HTML) 1 Page - EPCOS

  B9447 Datasheet HTML 1Page - EPCOS B9447 Datasheet HTML 2Page - EPCOS B9447 Datasheet HTML 3Page - EPCOS B9447 Datasheet HTML 4Page - EPCOS B9447 Datasheet HTML 5Page - EPCOS B9447 Datasheet HTML 6Page - EPCOS B9447 Datasheet HTML 7Page - EPCOS B9447 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© EPCOS AG 2008. Reproduction, publication and dissemination of this data sheet, enclosures
hereto and the information contained therein without EPCOS’ prior express consent is prohibited.
SAW Components
SAW filter
Bluetooth
Series/type:
Ordering code:
B9447
B39242B9447K610
Date:
Version:
July 31, 2008
2.0


Similar Part No. - B9447

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9441 EPCOS-B9441 Datasheet
102Kb / 8P
SAW Tx Filter KPCS & UMTS 1700
B9443 EPCOS-B9443 Datasheet
94Kb / 9P
SAW Tx filter AWS
B9444 EPCOS-B9444 Datasheet
83Kb / 8P
SAW GPS filter
B9446 EPCOS-B9446 Datasheet
125Kb / 8P
SAW Rx Filter Cellular
B9449 EPCOS-B9449 Datasheet
87Kb / 8P
SAW RX filter WCDMA band VIII
More results

Similar Description - B9447

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9413 EPCOS-B9413 Datasheet
91Kb / 8P
SAW filter Bluetooth
logo
TEMEX
TMXW353 TEMEX-TMXW353 Datasheet
289Kb / 5P
SAW Bandpass Filter - Bluetooth - RF
logo
Oscilent Corporation
802-RF2441.8M-A OSCILENT-802-RF2441.8M-A Datasheet
290Kb / 3P
Bluetooth, RF SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0223A TAI-SAW-TA0223A Datasheet
544Kb / 8P
SAW Filter 2441.8 MHz for Bluetooth
TA0223B TAI-SAW-TA0223B Datasheet
412Kb / 9P
SAW Filter 2441.8 MHz for Bluetooth
logo
Golledge Electronics Lt...
MA05253 GOLLEDGE-MA05253 Datasheet
246Kb / 5P
SAW Filter 2441.8MHz for Bluetooth
logo
Transko Electronics, In...
TA2441AM TRANSKO-TA2441AM Datasheet
441Kb / 4P
Bluetooth, RF SAW Filter
Revision 0: August 2004
TA2441BM TRANSKO-TA2441BM Datasheet
459Kb / 4P
Bluetooth, RF SAW Filter
Revision 0: April 2012
TA2441CM TRANSKO-TA2441CM Datasheet
475Kb / 4P
Bluetooth, RF SAW Filter
Revision 0: May 2012
TF-244102-C23 TRANSKO-TF-244102-C23 Datasheet
552Kb / 4P
Bluetooth, RF SAW Filter
Revision 0: April 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com