Electronic Components Datasheet Search
  English  ▼

X  

KFS Datasheet(PDF) 1 Page - Schurter Inc.

Part # KFS
Description  IEC Appliance Inlet C14 with Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

KFS Datasheet(HTML) 1 Page - Schurter Inc.

  KFS Datasheet HTML 1Page - Schurter Inc. KFS Datasheet HTML 2Page - Schurter Inc. KFS Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

Power Entry Modules with Line Filter
KFS
www.schurter.com/pg06
EMC Products
IEC Appliance Inlet C14 with Filter
C14
70° C
Description
-PanelMount:
Screw-onmountingfromfrontside
-2Functions:
ApplianceInletProtectionclassI,Line-filterinstandardversion
-Quickconnectterminals6.3x0.8mm
Approvals
-VDELicenseNumber:40004665
-ULLicenseNumber:E72928
Characteristics
-Compactdesignwithoptimalshielding
-Allsingleelementsarealreadywired
-Universallinefilterforstandardapplications
-QualifiedforuseinequipmentaccordingIEC/EN60950
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
1-10A@Ta40°C/250VAC;50Hz
RatingsUL/CSA
1-10A@Ta40°C/125VAC;60Hz
LeakageCurrent
standard<0.5mA(250V/60Hz)
DielectricStrength
>1.7kVDCbetweenL-N
>2.7kVDCbetweenL/N-PE
Testvoltage(2sec)
ImpulseWithstandVoltage
>2.5kVbetweenL-N(CX2)
>5kVbetweenL/N-PE
AllowableOperationTemp.
-25°Cto85°C
ClimaticCategory
25/085/21acc.toIEC60068-1
DegreeofProtection
fromfrontsideIP40acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
Quickconnectterminals6.3x0.8mm
PanelThicknesss
Screw:max8mm
Mountingscrewtorquemax0.5Nm
Material:Housing
Thermoplastic,black,UL94V-0
Appliance-Inlet/-Outlet
C14acc.toIEC/EN60320-1,
UL498,CSAC22.2no.42(forcold
conditions)pin-temperature70°C,10A,
ProtectionClass1
LineFilter
StandardVersion,IEC60939,IEC
60601-1,UL1283,UL544,EN133
200,CSAC22.2no.8
Technicaldetails
MTBF
>3'100'000hacc.toMIL-HB-217F
Dimensions
23.3
19.7
±0.3
R 3.5
R 6.6
51.5
57
44
(5.5)
3.5
KFS
M3
R3
21.5
+0.5
0.0


Similar Part No. - KFS

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
KFS SCHURTER-KFS Datasheet
476Kb / 5P
IEC Appliance Inlet C14 with Filter
logo
M-System Co.,Ltd.
KFS MSYSTEM-KFS Datasheet
114Kb / 4P
Plug-in Signal Conditioners K-UNIT
logo
Schurter Inc.
KFS SCHURTER-KFS Datasheet
528Kb / 6P
IEC Appliance Inlet C14 with Filter
04.01.2022
logo
List of Unclassifed Man...
KFS ETC-KFS Datasheet
61Kb / 1P
Machined Aluminum Series
logo
M-System Co.,Ltd.
KFS-01-B MSYSTEM-KFS-01-B Datasheet
114Kb / 4P
Plug-in Signal Conditioners K-UNIT
More results

Similar Description - KFS

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
KP01105201 SCHURTER-KP01105201 Datasheet
704Kb / 4P
IEC Appliance Inlet C14 with Appliance Outlet F
5110 SCHURTER-5110 Datasheet
659Kb / 5P
IEC Appliance Inlet C14 with Filter
5110 SCHURTER-5110_18 Datasheet
692Kb / 6P
IEC Appliance Inlet C14 with Filter
5150 SCHURTER-5150_17 Datasheet
445Kb / 6P
IEC Appliance Inlet C14 with High Frequency Filter
5707 SCHURTER-5707_17 Datasheet
838Kb / 8P
IEC Appliance Inlet C14 or C18 with Filter
6048 SCHURTER-6048_18 Datasheet
318Kb / 4P
IEC Appliance Inlet C14
KFS SCHURTER-KFS_17 Datasheet
476Kb / 5P
IEC Appliance Inlet C14 with Filter
5110 SCHURTER-5110_V01 Datasheet
713Kb / 6P
IEC Appliance Inlet C14 with Filter
KFS SCHURTER-KFS_V01 Datasheet
528Kb / 6P
IEC Appliance Inlet C14 with Filter
04.01.2022
KP01105201 SCHURTER-KP01105201_V01 Datasheet
551Kb / 6P
IEC Appliance Inlet C14 with Appliance Outlet F
15.09.2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com