Electronic Components Datasheet Search
  English  ▼

X  

W06M Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # W06M
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

W06M Datasheet(HTML) 1 Page - Rectron Semiconductor

  W06M Datasheet HTML 1Page - Rectron Semiconductor W06M Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE-PHASE GLASS PASSIVATED
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* High reverse voltage to 1000V
* Surge overload ratings to 50 amperes peak
* Good for printed circuit board assembly
* Mounting position: Any
* Weight: 1.20 grams
* UL listed the recognized component directory, file #E94233
* Epoxy: Device has UL flammability classification 94V-O
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
W005M
THRU
W10M
WOM
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
Dimensions in inches and (millimeters)
SILICON BRIDGE RECTIFIER
2001-5
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Operating Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
TSTG
VRMS
Volts
Volts
Volts
Amps
1.5
50
-55 to + 150
Amps
0 C
UNITS
T J
-55 to + 125
0 C
50
100
200
400
600
800
1000
70
35
140
280
420
700
560
W005M
W01M
W02M
W04M
W06M
W08M
W10M
Maximum Average Forward Rectified Output Current at TA = 25
oC
Storage Temperature Range
50
100
200
400
600
800
1000
DC Blocking Voltage per element
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
1.0
1
mAmps
uAmps
Maximum Reverse Current at Rated
Maximum Forward Voltage Drop per element at 1.0A DC
Volts
@TA = 25
oC
@TA = 100
oC
10
W005M
W01M
W02M
W04M
W06M
W08M
W10M
MECHANICAL DATA
.032 (0.8)
.028 (0.7)
.220 (5.6)
.180 (4.6)
.220 (5.6)
.180 (4.6)
(30.5)
(25.4)
1.2
1.0
MIN.
MIN.
POS.
LEAD
.217 (5.5)
.197 (5.0)
.360 (9.1)
.340 (8.6)


Similar Part No. - W06M

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
W06M WTE-W06M Datasheet
45Kb / 3P
1.5A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
W06M JGD-W06M Datasheet
125Kb / 2P
SINGLE PHASE 1.5 AMPS. SILICON BRIDGE RECTIFIERS
logo
Semtech Corporation
W06M SEMTECH-W06M Datasheet
127Kb / 2P
1.5A SINGLE - PHASE SILICON BRIDGE????
logo
Shanghai Sunrise Electr...
W06M SSE-W06M Datasheet
15Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Bytes
W06M BYTES-W06M Datasheet
145Kb / 2P
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
More results

Similar Description - W06M

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MDA970G1 RECTRON-MDA970G1 Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes)
RB151 RECTRON-RB151 Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
W005L RECTRON-W005L Datasheet
20Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
DB151LS RECTRON-DB151LS Datasheet
295Kb / 4P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes
RBU401M RECTRON-RBU401M_10 Datasheet
243Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes
RS201M RECTRON-RS201M_11 Datasheet
197Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
RS1001M RECTRON-RS1001M_10 Datasheet
488Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 10 Amperes
DB201LS RECTRON-DB201LS Datasheet
487Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
2020-04/97 REV:A
KBL401 RECTRON-KBL401 Datasheet
125Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes
2020-04/10 REV:A
MP5005 RECTRON-MP5005 Datasheet
568Kb / 5P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 50 Amperes SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2020-09 REV: B
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com