Electronic Components Datasheet Search
  English  ▼

X  

RF2044 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2044
Description  GENERAL PURPOSE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2044 Datasheet(HTML) 6 Page - RF Micro Devices

  RF2044 Datasheet HTML 1Page - RF Micro Devices RF2044 Datasheet HTML 2Page - RF Micro Devices RF2044 Datasheet HTML 3Page - RF Micro Devices RF2044 Datasheet HTML 4Page - RF Micro Devices RF2044 Datasheet HTML 5Page - RF Micro Devices RF2044 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
4-12
RF2044
Rev A9 010110
4
17.00
18.00
19.00
20.00
21.00
22.00
23.00
0.10
0.69
1.28
1.87
2.46
3.05
3.64
4.23
4.82
5.41
6.00
Frequency (GHz)
-40 C
26 C
85 C
Reverse Isolation versus Frequency Across Temperature
ICC =65 mA
10.0
5.0
3.
0
4.0
-0.2
-0
.4
50 Ohm, 65 mA
Swp Max
6GHz
Swp Min
3e-05GHz
S[2,2]
S[1,1]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com