Electronic Components Datasheet Search
  English  ▼

X  

MSB Datasheet(PDF) 3 Page - Schurter Inc.

Part # MSB
Description  Surface Mount Fuse, 7 x 2 mm, Time-Lag T, 125 VAC, 125 VDC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSB Datasheet(HTML) 3 Page - Schurter Inc.

  MSB Datasheet HTML 1Page - Schurter Inc. MSB Datasheet HTML 2Page - Schurter Inc. MSB Datasheet HTML 3Page - Schurter Inc. MSB Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image

Non resettable fuses
MSB
www.schurter.com/pg0_2
Fuses
Surface Mount Fuse, 7 x 2 mm, Time-Lag T, 125 VAC, 125 VDC
IEC 60127-4 · 125VAC · 125VDC · Time-Lag T
Description
-LowBreakingCapacity
-Directlysolderableonprintedcircuitboards
Standards
-IEC60127-4/2
-UL248-14
-CSAC22.2no.248.14
Approvals
-ULFileNumber:E42088
Applications
-Telecom
-Industrialelectronic
-Householdappliances
References
GeneralProductInformation
PackagingDetails
SquareFootprintTypeMKT
CorrespondingFuseholder231786;231787
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
RatedVoltage
63-125VAC,65-125VDC
RatedCurrent
0.75-15A
BreakingCapacity
50A-150A
Characteristic
Time-LagT
Mounting
PCB,SMT
AdmissibleAmbientAirTemp. -55°Cto85°C
ClimaticCategory
55/085/56acc.toIEC60068-1
Material:Tube
Ceramic
Material:Endcaps
Tin-PlatedCopperAlloy
UnitWeight
0.07g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
,Current
SolderingMethods
Reflow,Wave
Solderability
235°C/2secacc.toIEC60068-2-58,
TestTd,Fig.2B(Reflow)//245°C/3
sec(Wave)
ResistancetoSolderingHeat
260°C/10secacc.toIEC60068-2-58,
TestTd
Dimensions
7mm
 
7 ±0.3
2 ±0.2
4
2.7
Soldering pads



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com