Electronic Components Datasheet Search
  English  ▼

X  

MSF Datasheet(PDF) 1 Page - Schurter Inc.

Part # MSF
Description  Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSF Datasheet(HTML) 1 Page - Schurter Inc.

  MSF Datasheet HTML 1Page - Schurter Inc. MSF Datasheet HTML 2Page - Schurter Inc. MSF Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

Non resettable fuses
MSF 25
www.schurter.com/pg0_2
Fuses
Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
UL 248-14 · 125VAC · 125VDC · Quick-Acting F
Description
-Directlysolderableonprintedcircuitboards
Standards
-UL248-14
-CSAC22.2no.248.14
Approvals
-ULFileNumber:E41599
References
GeneralProductInformation
PackagingDetails
CorrespondingFuseholderFME;FMR;FMS(125V)
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
RatedVoltage
125VAC,125VDC
RatedCurrent
0.1-5A
BreakingCapacity
100A
Characteristic
Quick-ActingF
Mounting
PCB,THT
AdmissibleAmbientAirTemp. -55°Cto125°C
ClimaticCategory
55/125/21acc.toIEC60068-1
Material:Housing
Thermoplastic,UL94V-0
Material:Terminals
Tin-PlatedCopper
UnitWeight
0.34g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
,Type,Current,Voltage,Characteri-
stic,Approvals
SolderingMethods
Wave,Iron
Solderability
235°C/2secacc.toIEC60068-2-20,
TestTa,method1
ResistancetoSolderingHeat
260°C/5secacc.toIEC60068-2-20,
TestTb,method1A
LifeTest
MIL-STD-202,Method108A
(1000h@0.42*In@70°C)
TerminalStrength
MIL-STD-202,Method211A
(Deflectionofboard1mmfor1minute)
CaseResistance
acc.toEIA/IS-722,Test4.7
>100M
Ω(betweenleedsandbody)
MechanicalShock
MIL-STD-202,Method213B
(Shock50gn,halfsinewave,11ms)
Vibration,HighFrequency
MIL-STD-202,Method204D
(Shock20gn,20min,10-2kHz,12
cyc.)
ResistancetoSolvents
MIL-STD-202,Method215A
Flammability
min.UL94V-1
(acc.toEIA/IS-722,Test4.12)
Dimensions
6.4mm
 
ø 0.62
1.8
2.54
ø 6.4
ø 0.62
1.8
2.54
ø 6.4
1
+0.1
0
2.54
Drilling diagram
Pre-Arcing Time
Rated Current In
.5 x In max. 2.0 x In max.
2.75 x In
max.
4.0 x In max.
0.0 x In
max.
0.1 A - 5 A
10 min
5 s
300 ms
30 ms
4 ms


Similar Part No. - MSF

ManufacturerPart #DatasheetDescription
logo
Conquer Electronics Co....
MSF CONQUER-MSF Datasheet
231Kb / 1P
8.35 x 4.3 x 7.7 mm
logo
Interpoint Corporation ...
MSF-461 INTERPOINT-MSF-461 Datasheet
344Kb / 6P
EMI INPUT FILTER 28 VOLT INPUT
MSF-461/ES INTERPOINT-MSF-461/ES Datasheet
344Kb / 6P
EMI INPUT FILTER 28 VOLT INPUT
logo
Adam Technologies, Inc.
MSF-G ADAM-TECH-MSF-G Datasheet
71Kb / 1P
MINI JUMPER CLOSED TYPE
logo
Conquer Electronics Co....
MSF.050 CONQUER-MSF.050 Datasheet
231Kb / 1P
8.35 x 4.3 x 7.7 mm
More results

Similar Description - MSF

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
172321 SCHURTER-172321 Datasheet
373Kb / 2P
Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
172321 SCHURTER-172321_16 Datasheet
379Kb / 4P
Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
MSF125 SCHURTER-MSF125 Datasheet
267Kb / 3P
Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
172321 SCHURTER-172321_18 Datasheet
360Kb / 4P
Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
MSF125 SCHURTER-MSF125_18 Datasheet
296Kb / 4P
Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
172322 SCHURTER-172322_V01 Datasheet
373Kb / 4P
Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
172321 SCHURTER-172321_V01 Datasheet
358Kb / 4P
Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
29.09.2021
172322 SCHURTER-172322_V02 Datasheet
373Kb / 4P
Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
172321 SCHURTER-172321_V02 Datasheet
358Kb / 4P
Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
MSF125 SCHURTER-MSF125_V02 Datasheet
306Kb / 4P
Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com