Electronic Components Datasheet Search
  English  ▼

X  

MC68SC302 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MC68SC302
Description  Passive ISDN Protocol Engine
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68SC302 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MC68SC302 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC68SC302 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC68SC302 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC68SC302 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68SC302 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68SC302 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68SC302 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68SC302 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC68SC302 PRODUCT INFORMATION
— Memory Mode Accesses Supported (I/O Not Supported)
— Supports 8- or 16-bit Memory Cycles
— Supports Ring Detect through Status Change Pin
— Additional Chip Select Allows Another Device to be Address Mapped on the PC Card Bus.
• ISDN Communications Processor
— Requires No External (Local) RAM
— Flexible Channel Handling
— RISC Processor Decreases CPU Load with Flexible Buffer Descriptor Structure and HDLC
Capability (UART Mode Not Supported).
— Totally Independent Programming for Rx/Tx for each of the B and D Channels
— Supports Any Sub-Channeling for Each of the B Channels
— Enables a Concatenation of 2 B Channels (or Any Selected Bits) to a Super-Channel
— HDLC with Retry Capability for the D Channel
— Allows Dynamic Connection/Disconnection for each of the B Channels
— Total 1536KB Dual Port RAM Divided into Parameter and Data Buffer RAM
— 256 Byte Parameter RAM (As in PM302)
— 1280 Byte Data RAM with Efficient FIFO Organization and Flexible Buffer Size
— Independent Programmable Channel FIFO Length, if Split Equally:
• 4 x 256 Bytes FIFO for B1 and B2 Channel (Rx/Tx)
• 2 x 64 Bytes FIFO for D Channel (Rx/Tx)
— Glueless Interface to Freescale and Other Popular ISDN S/T and U Interface Chips
— Supports Freescale Interchip Digital Link (IDL)
— Supports General Circuit Interface (GCI), Also Known as IOM-21
— Includes Serial Communication Port (SCP) for Synchronous Communication
— Includes one SMC That Can Support Both the C/I and Monitor Channel of GCI
— Two Strobes Support Time-Slot Assignment of Non-Intelligent Peripherals
— Only One Crystal Required for TA Application.
— Clock Output (CLKO) Generation from a Crystal. CLKO Can Be Connected to S/T XTAL Input.
— Clock Input for U-Chip (MC145572) can be Used to Drive SC302
1. IOM-2 is a trademark of Siemens AG
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com