Electronic Components Datasheet Search
  English  ▼

X  

PSDM-6 Datasheet(PDF) 2 Page - Schurter Inc.

Part # PSDM-6
Description  DC/DC Converter for IGBT- or MOSFET Driver Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

PSDM-6 Datasheet(HTML) 2 Page - Schurter Inc.

  PSDM-6 Datasheet HTML 1Page - Schurter Inc. PSDM-6 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image

Driver Modules
PSDM-6
www.schurter.com/pg86
EMC Products
Elektrical Characteristics
Parameter
Symbol
Test Condition
Min
Type
Max
Unit
Rated voltage
VDC
to GND
10.8
13.2
V
Rated current
IDC
320
mA
Output power
PO
2.6
W
Output voltage 1
VCS1
to SGND
15
V
Output voltage 2
VCS2
zu SGND
–4
V
Output current 1 and 2
IO
140
mA
Ripple voltage
Vrippk-pk
VDC = 15 V, IO = 120 mA
240
mV
Efficiency
η
0.75
%
Switching frequency
fSW
VDC = 15 V, IO = 120 mA
500
kHz
Isolation capacity
CISO
12
15
pF
Isolation resistance
RISO
10
MΩ
Turn-on threshold
Vtr
14.8
VDC
Hysteresis on-off
Vh
1.1
VDC
Diagnostic output
VSM
0
VDC
VDC
Isolation voltage
VISO
50Hz/1s input to outputs
3500
VAC
Short circuit protection
VCS1 to VCS2
VCS1 to SGND
Limited 1 sec. maximum
VCS2 to SGND
(VDC = 12V, TA = 25°C)
Mechanical Dimensions
Distances between pins: 2,54 mm
Derating
31 max.
25.4
15.24
20.32
6 5 4
3 2 1
(4)
24.5 max.
3.5
Versions
Description
Order number
DC/DC Converter
PSDM-0DN1-5040
160
140
120
100
80
60
40
20
0
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
105
Ambient Temperature (˚C)
Packing unit 18 pcs.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com