Electronic Components Datasheet Search
  English  ▼

X  

PFSM.150.2 Datasheet(PDF) 2 Page - Schurter Inc.

Part # PFSM.150.2
Description  Surface Mount Fuse, PTC, 2029 or 3425 footprint, 60 VDC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

PFSM.150.2 Datasheet(HTML) 2 Page - Schurter Inc.

  PFSM.150.2 Datasheet HTML 1Page - Schurter Inc. PFSM.150.2 Datasheet HTML 2Page - Schurter Inc. PFSM.150.2 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image

Resettable Fuses
PFSM
www.schurter.com/pg0_
Fuses
10.7
2.3
2.3
Solder pads PFSM.150.2 and PFSM.200.2
Dimensions
A min
[mm]
A max
[mm]
B max
[mm]
C max
[mm]
D min
[mm]
D max
[mm]
E min
[mm]
E max
[mm]
F min
[mm]
F max
[mm]
G min
[mm]
G max
[mm]
H min
[mm]
Order Number
6.73
7.98
3.18
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
PFSM.030.2
6.73
7.98
3.18
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
PFSM.050.2
6.73
7.98
3.18
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
PFSM.075.2
6.73
7.98
3
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
PFSM.100.2
6.73
7.98
3
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
PFSM.100.33.2
6.73
7.98
3
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
PFSM.125.2
8
9.5
3
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
PFSM.150.2
8
9.5
3
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
PFSM.150.33.2
8
9.5
3
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
PFSM.200.2
8
9.5
3
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
PFSM.250.2
6.73
7.98
3
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
PFSM.260.2
Thermal Derating Chart Ihold [A]
-40 °C
-0 °C
0 °C
3 °C
40 °C
50 °C
60 °C
70 °C
85 °C
Order Number
0.45
0.4
0.35
0.3
0.25
0.23
0.2
0.17
0.14
PFSM.030.2
0.76
0.67
0.59
0.5
0.42
0.38
0.33
0.29
0.23
PFSM.050.2
1.13
1.01
0.88
0.75
0.62
0.56
0.5
0.44
0.34
PFSM.075.2
1.66
1.47
1.29
1.1
0.91
0.83
0.73
0.64
0.5
PFSM.100.2
1.66
1.47
1.29
1.1
0.91
0.83
0.73
0.64
0.5
PFSM.100.33.2
1.89
1.68
1.46
1.25
1.04
0.94
0.83
0.73
0.56
PFSM.125.2
2.27
2.01
1.76
1.5
1.25
1.13
0.99
0.87
0.68
PFSM.150.2
2.27
2.01
1.76
1.5
1.25
1.13
0.99
0.87
0.68
PFSM.150.33.2
3.02
2.68
2.34
2
1.66
1.5
1.32
1.16
0.9
PFSM.200.2
3.78
3.35
2.93
2.5
2.08
1.88
1.65
1.45
1.13
PFSM.250.2
3.64
3.25
2.91
2.6
2.26
2.08
1.95
1.74
1.48
PFSM.260.2
Electrical Characteristics at 3 °C
V max [VDC]
I max [A]
I hold [A]
I trip [A]
R initial min
[
Ω]
R hour max
[
Ω]
Max Time to
trip [A]
Max Time to
Trip [s]
Tripped Power
Dissipation [W]
Order Number
60.0
40
0.3
0.6
0.9
4.8
1.5
3
1.70
PFSM.030.2
60.0
40
0.5
1
0.35
1.4
2.5
4
1.70
PFSM.050.2
30.0
80
0.75
1.5
0.23
1
8
0.3
1.70
PFSM.075.2
30.0
80
1.1
2.2
0.12
0.48
8
0.5
1.70
PFSM.100.2
33.0
40
1.1
2.2
0.12
0.41
8
0.5
1.70
PFSM.100.33.2
15.0
100
1.25
2.5
0.07
0.25
8
2
1.70
PFSM.125.2
15.0
100
1.5
3
0.06
0.25
8
5
1.90
PFSM.150.2
33.0
40
1.5
3
0.06
0.23
8
5
1.90
PFSM.150.33.2
15.0
100
2
4
0.045
0.125
8
12
1.90
PFSM.200.2
15.0
100
2.5
5
0.024
0.085
8
25
1.90
PFSM.250.2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com