Electronic Components Datasheet Search
  English  ▼

X  

00340903 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 00340903
Description  Miniature Fuse, 5 x 20 mm, Super-Quick-Acting FF, 250 VAC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

00340903 Datasheet(HTML) 1 Page - Schurter Inc.

  00340903 Datasheet HTML 1Page - Schurter Inc. 00340903 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Non resettable fuses
SA 5x20
www.schurter.com/pg0_2
Fuses
Miniature Fuse, 5 x 20 mm, Super-Quick-Acting FF, 250 VAC
250VAC · Super-Quick-Acting FF
Description
-HighBreakingCapacity
-CeramicTube
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
RatedVoltage
250VAC
RatedCurrent
1.6-10A
BreakingCapacity
1500A
Characteristic
Super-Quick-ActingFF
Mounting
Fuseholder/Clip
AdmissibleAmbientAirTemp. -40°Cto85°C
ClimaticCategory
40/085/21acc.toIEC60068-1
Material:Tube
Ceramic
Material:Endcaps
Nickel-PlatedCopperAlloy
UnitWeight
1.19g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
,Current,Voltage,Characteristic
Dimensions
20mm
 
10
20±0.5
±0.2
Pre-Arcing Time
Rated Current In
.2 x In min. 2.0 x In min. 2.0 x In max.
2.75 x In
min.
2.75 x In
max.
4.0 x In min. 4.0 x In max.
0.0 x In
max.
1.6 A - 10 A
60 min
10 ms
2 s
4 ms
50 ms
2 ms
15 ms
2 ms


Similar Part No. - 00340903

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0034.0903 SCHURTER-0034.0903 Datasheet
202Kb / 2P
Miniature Fuse, 5 x 20 mm, Super-Quick-Acting FF, 250 VAC
0034.0904 SCHURTER-0034.0904 Datasheet
202Kb / 2P
Miniature Fuse, 5 x 20 mm, Super-Quick-Acting FF, 250 VAC
0034.0905 SCHURTER-0034.0905 Datasheet
202Kb / 2P
Miniature Fuse, 5 x 20 mm, Super-Quick-Acting FF, 250 VAC
0034.0906 SCHURTER-0034.0906 Datasheet
202Kb / 2P
Miniature Fuse, 5 x 20 mm, Super-Quick-Acting FF, 250 VAC
0034.0907 SCHURTER-0034.0907 Datasheet
202Kb / 2P
Miniature Fuse, 5 x 20 mm, Super-Quick-Acting FF, 250 VAC
More results

Similar Description - 00340903

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
A12FA250V SCHURTER-A12FA250V Datasheet
386Kb / 2P
Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
00341001 SCHURTER-00341001 Datasheet
264Kb / 2P
Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
0034.0903 SCHURTER-0034.0903 Datasheet
202Kb / 2P
Miniature Fuse, 5 x 20 mm, Super-Quick-Acting FF, 250 VAC
SA5X20 SCHURTER-SA5X20 Datasheet
231Kb / 3P
Miniature Fuse, 5 x 20 mm, Super-Quick-Acting FF, 250 VAC
A12FA250V SCHURTER-A12FA250V_18 Datasheet
271Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
A12FA250V SCHURTER-A12FA250V_V01 Datasheet
210Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
29.09.2021
172582 SCHURTER-172582_V02 Datasheet
198Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
04.01.2022
A12FA250V SCHURTER-A12FA250V_V02 Datasheet
273Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
04.01.2022
SA5X20 SCHURTER-SA5X20_V01 Datasheet
242Kb / 3P
Miniature Fuse, 5 x 20 mm, Super-Quick-Acting FF, 250 VAC
04.01.2022
SA6.3X32 SCHURTER-SA6.3X32_V01 Datasheet
183Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
09.12.2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com