Electronic Components Datasheet Search
  English  ▼

X  

RF2125 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2125
Description  HIGH POWER LINEAR AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2125 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2125 Datasheet HTML 1Page - RF Micro Devices RF2125 Datasheet HTML 2Page - RF Micro Devices RF2125 Datasheet HTML 3Page - RF Micro Devices RF2125 Datasheet HTML 4Page - RF Micro Devices RF2125 Datasheet HTML 5Page - RF Micro Devices RF2125 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ü
2-61
2
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
1
2
3
4
8
7
6
5
RF IN
RF IN
PC
VCC
RF OUT
RF OUT
RF OUT
RF OUT
BIAS
CIRCUIT
PACKAGE BASE
GND
RF2125
HIGH POWER LINEAR AMPLIFIER
• PCS Communication Systems
• Digital Communication Systems
• DECT Cordless Applications
• Commercial and Consumer Systems
• Portable Battery Powered Equipment
The RF2125 is a high power, high efficiency linear ampli-
fier IC. The device is manufactured on an advanced Gal-
lium Arsenide Heterojunction Bipolar Transistor (HBT)
process, and has been designed for use as the final RF
amplifier in digital PCS phone transmitters and base sta-
tions requiring linear amplification operating between
1500 MHz and 2200 MHz. It will also function as a high
efficiency amplifier for constant envelope applications
such as DECT. The device is packaged in an 8-lead
ceramic package with a backside ground. The device is
self-contained with the exception of the output matching
network and power supply feed line. It produces a typical
output power level of 1 W.
• Single 2.7V to 7.5V Supply
• 1W Output Power
•14dB Gain
• 45% Efficiency
• Power Down Mode
• 1500MHz to 2200MHz Operation
RF2125
High Power Linear Amplifier
RF2125 PCBA
Fully Assembled Evaluation Board
2
Rev A7 010112
.315
.305
.180 SQ MAX
.017
.013
.050
.006
.004
4°MAX
0°MIN
.017
.013
.057 MAX
.004
.000
1
.166
SQ
Metal lid and base, gold plated
Package Style: SOP-8-C


Similar Part No. - RF2125

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2125P RFMD-RF2125P Datasheet
51Kb / 6P
HIGH POWER LINEAR AMPLIFIER
RF2125PPCBA RFMD-RF2125PPCBA Datasheet
51Kb / 6P
HIGH POWER LINEAR AMPLIFIER
More results

Similar Description - RF2125

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2105L RFMD-RF2105L Datasheet
70Kb / 8P
HIGH POWER LINEAR UHF AMPLIFIER
RF2125P RFMD-RF2125P Datasheet
51Kb / 6P
HIGH POWER LINEAR AMPLIFIER
RF2126 RFMD-RF2126 Datasheet
57Kb / 6P
HIGH POWER LINEAR AMPLIFIER
RF2132 RFMD-RF2132 Datasheet
110Kb / 6P
LINEAR POWER AMPLIFIER
RF2126 RFMD-RF2126_07 Datasheet
184Kb / 10P
HIGH POWER LINEAR AMPLIFIER
logo
M/A-COM Technology Solu...
MAAP-008516 MA-COM-MAAP-008516 Datasheet
277Kb / 6P
Linear Power Amplifier
logo
RF Micro Devices
RF5117 RFMD-RF5117_11 Datasheet
285Kb / 13P
LINEAR POWER AMPLIFIER
RF5125 RFMD-RF5125_11 Datasheet
842Kb / 15P
LINEAR POWER AMPLIFIER
RF5152 RFMD-RF5152_11 Datasheet
216Kb / 10P
LINEAR POWER AMPLIFIER
logo
M/A-COM Technology Solu...
XP1031-QK-AN0T MA-COM-XP1031-QK-AN0T Datasheet
559Kb / 5P
Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com