Electronic Components Datasheet Search
  English  ▼

X  

RF2125P Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2125P
Description  HIGH POWER LINEAR AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2125P Datasheet(HTML) 5 Page - RF Micro Devices

  RF2125P Datasheet HTML 1Page - RF Micro Devices RF2125P Datasheet HTML 2Page - RF Micro Devices RF2125P Datasheet HTML 3Page - RF Micro Devices RF2125P Datasheet HTML 4Page - RF Micro Devices RF2125P Datasheet HTML 5Page - RF Micro Devices RF2125P Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2-71
RF2125P
Rev A4 010720
2
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
1
2
3
4
8
7
6
5
BIAS
CIRCUIT
PACKAGE BASE
L1
33 nH
C3
See Chart
C7
1nF
C4
See Chart
C6
100 pF
C5
1
µF
C1
See Chart
P1-3
P1-1
C2
See Chart
C8
1nF
C9
100 nF
RF OUT
RF IN
J1
J2
Broadband and
Unlicensed PCS
(1910 to 1970 MHz)
Capacitors are ATC type.
The 2.7 pF capacitor is 2.4 pF in parallel with 0.3 pF.
DCS1800
(1710 to 1785 MHz)
Broadband and
Unlicensed PCS
(1850 to 1910 MHz)
DECT
(1880 to 1990 MHz)
APPLICATION
C1 (pF)
C4 (pF)
C3 (pF)
C2 (pF)
3.3
7.5
3.6
3.9
3.0
3.9
2.7
3.6
3.6
4.3
2.4
3.9
3.0
3.9
2.7
3.6
P1-1
P1-3
P1
PC
GND
VCC
1
2
3
2125402 Rev -
50
Ω
50
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com