Electronic Components Datasheet Search
  English  ▼

X  

RF2126 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2126
Description  HIGH POWER LINEAR AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2126 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2126 Datasheet HTML 1Page - RF Micro Devices RF2126 Datasheet HTML 2Page - RF Micro Devices RF2126 Datasheet HTML 3Page - RF Micro Devices RF2126 Datasheet HTML 4Page - RF Micro Devices RF2126 Datasheet HTML 5Page - RF Micro Devices RF2126 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ü
2-73
2
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
1
2
3
4
8
7
6
5
RF IN
RF IN
PC
VCC
RF OUT
RF OUT
RF OUT
RF OUT
BIAS
CIRCUIT
PACKAGE BASE
GND
RF2126
HIGH POWER LINEAR AMPLIFIER
• 2.5GHz ISM Band Applications
• Digital Communication Systems
• PCS Communication Systems
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
The RF2126 is a high-power, high-efficiency, linear ampli-
fier IC. The device is manufactured on an advanced Gal-
lium Arsenide Heterojunction Bipolar Transistor (HBT)
process and has been designed for use as the final RF
amplifier in 2.45 GHz ISM applications such as WLAN
and POS terminals. The part will also function as the final
stage in digital PCS phone transmitters requiring linear
amplification
operating
between
1800MHz
and
2500 MHz. The device is packaged in an 8-lead plastic
package with a backside ground. The device is self-con-
tained with the exception of the output matching network
and power supply feed line. It produces a typical output
power level of 1W.
• Single 3V to 6.5V Supply
• 1.3W Output Power
•12dB Gain
• 45% Efficiency
• Power Down Mode
• 1800MHz to 2500MHz Operation
RF2126
High Power Linear Amplifier
RF2126 PCBA
Fully Assembled Evaluation Board
2
Rev A5 010207
3.90
±0.10
6.00
±0.20
4.90
±0.10
0.43
±0.05
1.27
1.40
±0.10
0.05
±0.05
-A-
Exposed
Heat Sink
2.70
±0.10
0.22
±0.03
0.60
±0.15
8° MAX
0° MIN
1.70
±0.10
Dimensions in mm.
NOTES:
1. Shaded lead is pin 1.
2. Lead coplanarity - 0.10 with respect to datum "A".
Package Style: SOIC-8 Slug


Similar Part No. - RF2126

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2126 RFMD-RF2126 Datasheet
184Kb / 10P
HIGH POWER LINEAR AMPLIFIER
RF2126PCK RFMD-RF2126PCK Datasheet
184Kb / 10P
HIGH POWER LINEAR AMPLIFIER
RF2126 RFMD-RF2126_07 Datasheet
184Kb / 10P
HIGH POWER LINEAR AMPLIFIER
More results

Similar Description - RF2126

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2105L RFMD-RF2105L Datasheet
70Kb / 8P
HIGH POWER LINEAR UHF AMPLIFIER
RF2125 RFMD-RF2125 Datasheet
104Kb / 6P
HIGH POWER LINEAR AMPLIFIER
RF2125P RFMD-RF2125P Datasheet
51Kb / 6P
HIGH POWER LINEAR AMPLIFIER
RF2132 RFMD-RF2132 Datasheet
110Kb / 6P
LINEAR POWER AMPLIFIER
RF2126 RFMD-RF2126_07 Datasheet
184Kb / 10P
HIGH POWER LINEAR AMPLIFIER
logo
M/A-COM Technology Solu...
MAAP-008516 MA-COM-MAAP-008516 Datasheet
277Kb / 6P
Linear Power Amplifier
logo
RF Micro Devices
RF5117 RFMD-RF5117_11 Datasheet
285Kb / 13P
LINEAR POWER AMPLIFIER
RF5125 RFMD-RF5125_11 Datasheet
842Kb / 15P
LINEAR POWER AMPLIFIER
RF5152 RFMD-RF5152_11 Datasheet
216Kb / 10P
LINEAR POWER AMPLIFIER
logo
M/A-COM Technology Solu...
XP1031-QK-AN0T MA-COM-XP1031-QK-AN0T Datasheet
559Kb / 5P
Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com