Electronic Components Datasheet Search
  English  ▼

X  

LMZ12002 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMZ12002
Description  2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMZ12002 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMZ12002 Datasheet HTML 1Page - National Semiconductor (TI) LMZ12002 Datasheet HTML 2Page - National Semiconductor (TI) LMZ12002 Datasheet HTML 3Page - National Semiconductor (TI) LMZ12002 Datasheet HTML 4Page - National Semiconductor (TI) LMZ12002 Datasheet HTML 5Page - National Semiconductor (TI) LMZ12002 Datasheet HTML 6Page - National Semiconductor (TI) LMZ12002 Datasheet HTML 7Page - National Semiconductor (TI) LMZ12002 Datasheet HTML 8Page - National Semiconductor (TI) LMZ12002 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LMZ12002
June 10, 2010
2A SIMPLE SWITCHER® Power Module with 20V Maximum
Input Voltage
Easy to use 7 pin package
30114786
TO-PMOD 7 Pin Package
10.16 x 13.77 x 4.57 mm (0.4 x 0.542 x 0.18 in)
θ
JA = 20°C/W, θJC = 1.9°C/W
RoHS Compliant
Electrical Specifications
■ 12W maximum total power output
■ Up to 2A output current
■ Input voltage range 4.5V to 20V
■ Output voltage range 0.8V to 6V
■ Efficiency up to 92%
Key Features
■ Integrated shielded inductor
■ Simple PCB layout
■ Flexible startup sequencing using external soft-start
capacitor and precision enable
■ Protection against inrush currents and faults such as input
UVLO and output short circuit
■ -40°C to 125°C junction temperature range
■ Single exposed pad and standard pinout for easy
mounting and manufacturing
■ Fast transient response for FPGAs and ASICs
■ Low output voltage ripple
■ Pin-to-pin compatible family:
LMZ14203/2/1 (42V max 3A, 2A, 1A)
LMZ12003/2/1 (20V max 3A, 2A, 1A)
■ Fully Webench® Power Designer enabled
Applications
■ Point of load conversions from 5V and 12V input rail
■ Time critical projects
■ Space constrained high thermal requirement applications
■ Negative output voltage applications (See AN-2027)
Performance Benefits
■ Operates at high ambient temperature with no thermal
derating
■ High efficiency reduces system heat generation
■ Low radiated emissions (EMI) complies with EN55022
class B standard
■ Low external component count
System Performance
Efficiency V
IN = 12V VOUT = 5.0V
30114718
Thermal derating curve
V
IN = 12V VOUT = 5.0V
30114719
Radiated Emissions (EN 55022 Class B)
from Evaluation Board
30114750
© 2010 National Semiconductor Corporation
301147
www.national.com


Similar Part No. - LMZ12002

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ12002 NSC-LMZ12002 Datasheet
1Mb / 18P
2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ12002 TI-LMZ12002 Datasheet
1Mb / 31P
2A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ12002 TI2-LMZ12002 Datasheet
1Mb / 32P
LMZ12002 2-A SIMPLE SWITCHER® Power Module With 20-V Maximum Input Voltage
REVISED AUGUST 2015
LMZ12002EXT TI1-LMZ12002EXT Datasheet
3Mb / 23P
2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
LMZ12002EXT TI1-LMZ12002EXT Datasheet
1Mb / 31P
LMZ12002EXT 2-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage
More results

Similar Description - LMZ12002

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ12001 NSC-LMZ12001 Datasheet
1Mb / 18P
1A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ12002 NSC-LMZ12002 Datasheet
1Mb / 18P
2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ14202 NSC-LMZ14202 Datasheet
1Mb / 18P
2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ12003 NSC-LMZ12003_1 Datasheet
1Mb / 16P
3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ14202 NSC-LMZ14202_1 Datasheet
1Mb / 18P
2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14202 NSC-LMZ14202_11 Datasheet
1Mb / 18P
2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ12008 TI1-LMZ12008 Datasheet
1Mb / 24P
SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ12003TZ-ADJ-NOPB TI1-LMZ12003TZ-ADJ-NOPB Datasheet
2Mb / 24P
3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ12010TZ TI-LMZ12010TZ Datasheet
1Mb / 29P
LMZ12010 10A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ22008 TI1-LMZ22008_14 Datasheet
1Mb / 27P
8A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com