Electronic Components Datasheet Search
  English  ▼

X  

RF2140 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2140
Description  3V DCS POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2140 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2140 Datasheet HTML 4Page - RF Micro Devices RF2140 Datasheet HTML 5Page - RF Micro Devices RF2140 Datasheet HTML 6Page - RF Micro Devices RF2140 Datasheet HTML 7Page - RF Micro Devices RF2140 Datasheet HTML 8Page - RF Micro Devices RF2140 Datasheet HTML 9Page - RF Micro Devices RF2140 Datasheet HTML 10Page - RF Micro Devices RF2140 Datasheet HTML 11Page - RF Micro Devices RF2140 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2-136
RF2140
Rev A12 011031
2
Application Schematic
Internal Schematic
1
2
3
4
5
13
12
11
10
9
AT_EN
RF IN
GND1
RF OUT
67
8
16
14
15
15 pF
RF IN
15
pF
V
CC
APC
15
pF
V
CC
5.1 pF
Note 1
50
Ωµstrip
1.0 pF
Note 1
15 pF
RF OUT
Quarter wave
length
15 pF
V
CC
1.0 pF
1nF
15pF
Very closetopin 15/16
V
CC
Distance center to
center of
capacitors is
0.220"
Instead of a
stripline an inductor
of ~6 nH can be
used
Instead of a
stripline an
inductor can be
used
Distance between
edge of device
and capacitor is
0.080"
Note: All capacitors are standard
0402 multi layer chip
Note 1: Using a hi-Q capacitor
will increase efficiency slightly
AT_EN
15
pF
15
pF
Distance between
edge of device
and capacitor is
0.240" to improve
the "off" isolation
3.9
RF IN
VCC
APC1
750
5k
500
2k
AT_EN
2.5k
320
1.5k
VCC1
GND1
GND2
APC1
500
2.5k
VCC
VCC2
RF OUT
APC2
200
1.5k
VCC
PKG BASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com