Electronic Components Datasheet Search
  English  ▼

X  

1400 Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # 1400
Description  LONG FRAME (1/4) TELEPHONE JACK PANELS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

1400 Datasheet(HTML) 1 Page - Switchcraft, Inc.

  1400 Datasheet HTML 1Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ONLINE CATALOG
SWITCHCRAFT, INC. 5555 N. Elston Ave.
Chicago, IL 60630 • FAX: 773 792-2129
www.switchcraft.com
LONG FRAME (1/4") TELEPHONE JACK PANELS
DIMENSIONS ARE FOR REFERENCE ONLY
NOTE: Contact your Switchcraft Representative for price and delivery.
Inch
(mm)


Similar Part No. - 1400

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
1400 CANDD-1400 Datasheet
91Kb / 2P
Bobbin Type Inductors
logo
List of Unclassifed Man...
1400 ETC1-1400 Datasheet
48Kb / 1P
4700
logo
Linear Technology
1400 LINER-1400 Datasheet
2Mb / 20P
Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
logo
Gamewell-FCI by Honeywe...
1400 GAMEWELL-FCI-1400 Datasheet
146Kb / 2P
Ionization detector
logo
List of Unclassifed Man...
1400 ETC2-1400 Datasheet
85Kb / 1P
KNOB
More results

Similar Description - 1400

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
2400 SWITCH-2400 Datasheet
56Kb / 1P
LONG FRAME (1/4) TWIN ROW JACK PANELS
JP01-2000 SWITCH-JP01-2000 Datasheet
58Kb / 1P
LONG FRAME (1/4) MODULAR TWIN ROW JACK PANELS
logo
Adam Technologies, Inc.
MTJ-44HX1-TR ADAM-TECH-MTJ-44HX1-TR Datasheet
78Kb / 1P
TELEPHONE JACK
MTJ-64HX1 ADAM-TECH-MTJ-64HX1 Datasheet
131Kb / 1P
TELEPHONE JACK
MTJ-66HX1 ADAM-TECH-MTJ-66HX1 Datasheet
104Kb / 1P
TELEPHONE JACK
MTJ-66HX1-TR ADAM-TECH-MTJ-66HX1-TR Datasheet
128Kb / 1P
TELEPHONE JACK
MTJ-66YX1-SMT-TR ADAM-TECH-MTJ-66YX1-SMT-TR Datasheet
96Kb / 1P
TELEPHONE JACK
MTJ-622X1 ADAM-TECH-MTJ-622X1 Datasheet
107Kb / 1P
TELEPHONE JACK
MTJ-665X1-SMT ADAM-TECH-MTJ-665X1-SMT Datasheet
83Kb / 1P
Telephone Jack
MTJ-88ZX1 ADAM-TECH-MTJ-88ZX1 Datasheet
83Kb / 1P
Telephone jack
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com